Electronic Components Datasheet Search
  English  ▼

X  

PML18 Datasheet(PDF) 3 Page - Rohm

Part # PML18
Description  Ultra-low Ohmic Resistors for Current Detection(Wide terminal type)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

PML18 Datasheet(HTML) 3 Page - Rohm

  PML18 Datasheet HTML 1Page - Rohm PML18 Datasheet HTML 2Page - Rohm PML18 Datasheet HTML 3Page - Rohm PML18 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3/3
www.rohm.com
○
c
2011 ROHM Co., Ltd. All rights reserved.
2011.04
Data Sheet
PML18
Dimensions&Construction
0.42
3.20
1.60
No.
Material
Resistive metal element (Ni-Cr Alloy)
Primary electrode(Cu)
External electrode(Sn)
Overcoat (Resin : Black)
Marking (Resin : Yellow)
(The Surface)
Resistance
Measure
±
L
0.15
±
W
0.15
±
t
0.15
±
a
0.25
1.0m
Ω
0.55
(The back)
(The cross section)
L
t
W
a
a
1L00
Part No. Explanation
Special part number
Packaging Specifications Code
Part No.
PM
1
L
Nominal resistance
EZP
Part No.
Resistance tolerance
J(
±5%)
Code
G(
±2%)
Paper tape (4mm Pitch)
φ180mm
Packaging specifications
Reel
5,000
Basic ordering unit (pcs)
Reel (
φ180) : Compatible with JEITA standard "EIAJ ET-7200B"
: Standard product
8
E Z P
J
V
Resistance tolerance
±2%
±5%
G
J
PML18
J
G
:
:
3 digits
4 digits
Resistance code, 3 or 4 digits.
Resistance
tolerance
Resistance
code
Resistance
Value
JG
Resistance Tolerance
1m
Ω
1.2m
Ω
1L0
1L2
1L00
1L20
1.5m
Ω
1L5
1L50
2m
Ω
2L0
2L00
Packaging
Base paper
Components
Cavity
Top tape
P0
P2
P1
E
F
W
φD0
A0
B0
C
AB
D
Label
AB
C
D
Reel
Taping
EIAJ ET-7200B compliant
(Unit : mm)
(Unit : mm)
φ180
0
−1.5
φ60 +
1
0
9 +
1.0
0
φ13±0.2
WF
E
A0
B0
D0
P0
P1
P2
T2
8.0
±0.3
3.5
±0.05
1.75
±0.1
1.95 +
0.1
−0.05
3.5 +
0.15
−0.05
4.0
±0.1
4.0
±0.1
2.0
±0.05
Max. 1.1
φ1.5 +0.1
0
T2
Bottom Tape



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com