Electronic Components Datasheet Search
  English  ▼

X  

BAS21T Datasheet(PDF) 1 Page - Micro Commercial Components

Part # BAS21T
Description  150mW 250 Volt Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BAS21T Datasheet(HTML) 1 Page - Micro Commercial Components

  BAS21T Datasheet HTML 1Page - Micro Commercial Components BAS21T Datasheet HTML 2Page - Micro Commercial Components BAS21T Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BAS21T
150mW 250 Volt
Switching Diode
SOT-523
Features
Ultra-Small Surface Mount Package
Fast Switching Speed
For General Purpose Switching Applications
High Conductance
Maximum Ratings
Operating Temperature: -65 C to +150 C
Storage Temperature: -65 C to +150 C
Marking : T3
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A.059
.067
1.50
1.70
B
.030
.033
0.75
0.85
C
.057
.069
1.45
1.75
D
.020 Nominal
0.50Nominal
E.035
.043
0.90
1.10
G
.000
.004
.000
.100
H
.028
.031
.70
0.80
J
.004
.008
.100
.200
K
.010
.014
.25
.35
A
C
B
D
E
G
H
J
DIMENSIONS
K
Revision:
A
20
11/01/01
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
Electrical Characteristics @ 25 C Unless Otherwise Specified
Peak Repetitive
Reverse Voltage
VRRM
250V
Average Rectified
Output Current
IO
200mA
Power Dissipation
PD
150mW
Peak Forward Surge
Current
@t=1.0us
@t=1.0s
IFSM
2.5A
0.5A
Maximum
Instantaneous
Forward Voltage
VF
1V
1.25V
IF=100mA
IF=200mA
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
100nA
VR=250Volts
Typical Total
Capacitance
CT
5pF
Measured at
1.0MHz, VR=0V
Reverse Recovery
Time
Trr
50nS
IF = IR = 30mA,
Irr = 0.1 x IR,
RL = 100
www.mccsemi.com
1 of 3
MCC
TM
Micro Commercial Components
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1


Similar Part No. - BAS21T

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAS21T DIODES-BAS21T Datasheet
56Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
DS30264 Rev. B-2
BAS21T DIODES-BAS21T Datasheet
84Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
DS30264 Rev. 6 - 2
logo
Guangdong Kexin Industr...
BAS21T KEXIN-BAS21T Datasheet
42Kb / 1P
Surface Mount Fast Switching Diode
logo
Diodes Incorporated
BAS21T DIODES-BAS21T Datasheet
87Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
Rev. 10 - 2 March 2009
logo
SeCoS Halbleitertechnol...
BAS21T SECOS-BAS21T Datasheet
261Kb / 2P
0.4A , 250V Plastic-Encapsulated Diode
More results

Similar Description - BAS21T

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1SS226 MCC-1SS226 Datasheet
183Kb / 3P
150mW SWITCHING DIODE
1SS265 MCC-1SS265 Datasheet
456Kb / 2P
150mW 35 Volt Band Switching Diode
BAS16T MCC-BAS16T Datasheet
236Kb / 3P
150mW 85Volt Switching Diode
BAS16X MCC-BAS16X Datasheet
235Kb / 3P
150mW 75Volt Switching Diode
1SS226 MCC-1SS226_13 Datasheet
219Kb / 3P
150mW SWITCHING DIODE
BAS16T MCC-BAS16T_13 Datasheet
265Kb / 3P
150mW 85Volt Switching Diode
BAS16X MCC-BAS16X_13 Datasheet
283Kb / 3P
150mW 75Volt Switching Diode
BAS21T MCC-BAS21T_13 Datasheet
226Kb / 3P
150mW 250 Volt Switching Diode
BAS16T MCC-BAS16T_16 Datasheet
232Kb / 3P
150mW 85Volt Switching Diode
BAV70M MCC-BAV70M_17 Datasheet
378Kb / 3P
150mW Switching Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com