Electronic Components Datasheet Search
  English  ▼

X  

LH168M Datasheet(PDF) 13 Page - Sharp Corporation

Part # LH168M
Description  384-output TFT-LCD Source Driver IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH168M Datasheet(HTML) 13 Page - Sharp Corporation

Back Button LH168M Datasheet HTML 9Page - Sharp Corporation LH168M Datasheet HTML 10Page - Sharp Corporation LH168M Datasheet HTML 11Page - Sharp Corporation LH168M Datasheet HTML 12Page - Sharp Corporation LH168M Datasheet HTML 13Page - Sharp Corporation LH168M Datasheet HTML 14Page - Sharp Corporation LH168M Datasheet HTML 15Page - Sharp Corporation LH168M Datasheet HTML 16Page - Sharp Corporation LH168M Datasheet HTML 17Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
13
LH168M
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
APPLICABLE PINS
RATING
UNIT
NOTE
Supply voltage
VCC
VCC
–0.3 to +6.0
V
1, 2
VLS
VLS
–0.3 to +13.0
V
Input voltage
VI
VH0-VL0
–0.3 to VLS + 0.3
V
Storage temperature
TSTG
–45 to +125
˚C
VI
SPIO, SPOI, CKP, CKN, LS,
REV, LBR, POL, X0P-X2N,
Y0P-Y2N, Z0P-Z2N
–0.3 to VCC + 0.3
V
V
–0.3 to VLS + 0.3
XO1-ZO128
VO
V
–0.3 to VCC + 0.3
SPIO, SPOI
VO
Output voltage
RECOMMENDED OPERATING CONDITIONS
NOTES :
1. TA = +25 ˚C
2. The maximum applicable voltage on any pin with respect to GND (0 V).
NOTE :
1. The applicable voltage on any pin with respect to GND (0 V).
PARAMETER
SYMBOL
MAX.
UNIT
NOTE
Supply voltage
VCC
1
Reference voltage input
VH0-VH64
VLS – 0.1
V
Clock frequency
fCK
68
MHz
MIN.
TYP.
+3.0
0.5VLS
VLS
+3.6
V
+8.0
+12.0
V
–20
˚C
+75
TOPR
Operating temperature
pF
150
CL
LCD drive output load capacity
VL0-VL64
+0.1
0.5VLS
V
PRECAUTIONS
Precautions when connecting or disconnecting
the power supply
This IC has some power supply pins, so it may be
permanently damaged by a high current which may
flow if voltage is supplied to the LCD drive power
supply while the logic system power supply is
floating. Therefore, when connecting the power
supply, observe the following sequence.
VCC / logic input / VLS, VH0-VH64, VL0-VL64
When disconnecting the power supply, follow the
reverse sequence.
Reference voltage input
The relation of the reference voltage input is shown
here.
VLS > VH0 ≥ VH8 ≥ π ≥ VH56 ≥ VH64 ≥ 0.5VLS ≥
VL64 ≥ VL56 ≥ π ≥ VL8 ≥ VL0 > GND
Maximum ratings
When connecting or disconnecting the power
supply, this IC must be used within the range of the
absolute maximum ratings.
Target output load
This IC is designed for a 150 pF output load
capacity. When using this IC for other than 150 pF
panels, confirm the device is having no problem
before using it.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com