Electronic Components Datasheet Search
  English  ▼

X  

LH168P Datasheet(PDF) 2 Page - Sharp Corporation

Part # LH168P
Description  309-output TFT-LCD Source Driver IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH168P Datasheet(HTML) 2 Page - Sharp Corporation

  LH168P Datasheet HTML 1Page - Sharp Corporation LH168P Datasheet HTML 2Page - Sharp Corporation LH168P Datasheet HTML 3Page - Sharp Corporation LH168P Datasheet HTML 4Page - Sharp Corporation LH168P Datasheet HTML 5Page - Sharp Corporation LH168P Datasheet HTML 6Page - Sharp Corporation LH168P Datasheet HTML 7Page - Sharp Corporation LH168P Datasheet HTML 8Page - Sharp Corporation LH168P Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
LH168P
PIN DESCRIPTION
PIN NO.
SYMBOL
I/O
DESCRIPTION
1 to 309
XO1-ZO103
O
LCD drive output pins
310, 330, 350
GND
–
Ground pins
311, 349
VLS
–
Power supply pins for analog circuit
312 to 317
V10, V8, V6, V4, V2, V0
I
Reference voltage input pins
318
LBR
I
Shift direction selection input pin
319 to 324
ZI0-ZI5
I
Data input pins
325
LS
I
Latch input pin
326
SPIO
I/O
Start pulse input/cascade output pin
327
VCC
–
Power supply pin for digital circuit
328
CK
I
Shift clock input pin
329
MODE
I
309/300-output selection input pin
331
SPOI
I/O
Start pulse input/cascade output pin
332 to 337
YI0-YI5
I
Data input pins
338 to 343
XI0-XI5
I
Data input pins
344 to 348
V1, V3, V5, V7, V9
I
Reference voltage input pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com