Electronic Components Datasheet Search
  English  ▼

X  

LH168R Datasheet(PDF) 2 Page - Sharp Corporation

Part # LH168R
Description  384-output TFT-LCD Source Driver IC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH168R Datasheet(HTML) 2 Page - Sharp Corporation

  LH168R Datasheet HTML 1Page - Sharp Corporation LH168R Datasheet HTML 2Page - Sharp Corporation LH168R Datasheet HTML 3Page - Sharp Corporation LH168R Datasheet HTML 4Page - Sharp Corporation LH168R Datasheet HTML 5Page - Sharp Corporation LH168R Datasheet HTML 6Page - Sharp Corporation LH168R Datasheet HTML 7Page - Sharp Corporation LH168R Datasheet HTML 8Page - Sharp Corporation LH168R Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
LH168R
2
PIN NO.
SYMBOL
I/O
DESCRIPTION
1 to 384
XO1-ZO128
O
LCD drive output pins
385, 462, 464
GND
–
Ground pins
386
VLS
–
Power supply pin for analog circuit
387
VCC
–
Power supply pin for digital circuit
388
LBR
I
Shift direction selection input pin
389 to 396
ZA0-ZA7
I
Data input pins
397 to 404
ZB0-ZB7
I
Data input pins
405 to 412
YB0-YB7
I
Data input pins
413
REV
I
LCD drive output polarity exchange input pin
414
LS
I
Latch input pin
415
SPIO
I/O
Start pulse input/cascade output pin
416
CK
I
Shift clock input pin
417, 418
POLA, POLB
I
Input data polarity exchange input pins
419 to 427
VL0-VL256
I
Reference voltage input pins
428 to 436
VH256-VH0
I
Reference voltage input pins
Data input pins
I
XB0-XB7
454 to 461
Data input pins
I
XA0-XA7
446 to 453
Data input pins
I
YA0-YA7
438 to 445
Start pulse input/cascade output pin
I/O
SPOI
437
463
VLS
–
Power supply pin for analog circuit
PIN DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com