Electronic Components Datasheet Search
  English  ▼

X  

BAS70TW Datasheet(PDF) 1 Page - Micro Commercial Components

Part # BAS70TW
Description  200mW SCHOTTKY BARRIER Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BAS70TW Datasheet(HTML) 1 Page - Micro Commercial Components

  BAS70TW Datasheet HTML 1Page - Micro Commercial Components BAS70TW Datasheet HTML 2Page - Micro Commercial Components BAS70TW Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BAS70TW /DW-04 /
200mW
SCHOTTKY BARRIER
Features
•
Fast Switching
•
Low Forward Voltage Drop
•
Low Power Dissipation
•
Ultra-Small Surface Mount Package
Maxim um Ratings
Symbol
Rating
Rating
Unit
VRRM
VRWM
VR
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
70
V
IF
Forward Continuous Current
70
mA
IFSM
Peak Forward Surge Current @<1.0s
100
mA
R©JA
Thermal Resistance Junction to Ambient
625
/W
PD
Power dissipation
200
mW
TSTG&TJ
Storage &Operating JunctionTemperature
-55 to +125
Electrical Characteristics @ 25OC Unless Otherwise Specified
Symbol
Parameter
Min
Max
Test Conditions
IR
Reverse Voltage Leakage
Current
---
100nA
VR=50V
VF
Forward Voltage
---
---
0.41V
1.0V
IF=1mA
IF=15mA
CT
Total Capacitance
---
2pF
VR=0V, f=1MHZ
trr
Reverse Recovery Time
---
5.0ns
IF=IR=10mA,
Irr=0.1XIR,RL=100
www.mccsemi.com
Revision:
A
20
11/01/01
SOT-363
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.00
6
.01
4
0.1
5
0.3
5
B
.045
.053
1.15
1.35
C
.0
85
.0
96
2.
15
2.
45
D
.026
0.65Nominal
G
.0
47
.0
55
1.20
1.40
H
.071
.087
1.80
2.20
J
---
.004
---
0.10
K
.035
.0
43
0.90
1.
10
L
.010
.01
8
0.2
6
0.4
6
M
.00
3
.0
06
0.
08
0.
15
J
M
A
C
B
G
H
K
D
L
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
TM
Micro Commercial Components
DW-05 /DW-06 /BRW
DIMENSIONS
Diode
A
1
A
2
C
2
C
1
C
2
C
1
BAS70DW-06
Marking: K76
AC
1
AC
2
C
2
A
1
A
2
C
1
AC
1
AC
2
C
1
A
1
C
2
A
2
BAS70DW-04
Marking: K74
BAS70BRW
Marking: K75
BAS70TW
Marking: K73
C
1
A
3
C
2
A
1
C
3
A
2
BAS70DW-05
Marking: K71
C
1
C
2
A
2
A
1
A
2
A
1
1 of 3
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1


Similar Part No. - BAS70TW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAS70TW DIODES-BAS70TW Datasheet
83Kb / 4P
Sub-miniature Schottky Diodes & Arrays in
BAS70TW DIODES-BAS70TW Datasheet
56Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
DS30158 Rev. E-1
BAS70TW DIODES-BAS70TW Datasheet
81Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
DS30158 Rev. 10 - 2
logo
Pan Jit International I...
BAS70TW PANJIT-BAS70TW Datasheet
152Kb / 4P
SURFACE MOUNT SCHOTTKY DIODE ARRAYS
logo
Diodes Incorporated
BAS70TW DIODES-BAS70TW Datasheet
130Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
Rev. 12 - 2 July 2008
More results

Similar Description - BAS70TW

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
BAT42WS CHENYI-BAT42WS Datasheet
51Kb / 1P
Schottky barrier switching diode 200mw
logo
Micro Commercial Compon...
BAS40DW-06 MCC-BAS40DW-06 Datasheet
221Kb / 3P
200mW SCHOTTKY BARRIER Diode
BAT42WS MCC-BAT42WS Datasheet
209Kb / 2P
Schottky Barrier Diode 200mW
SD103ATW MCC-SD103ATW Datasheet
219Kb / 3P
200mW SCHOTTKY BARRIER DIODE
BAS40TW-TP MCC-BAS40TW-TP Datasheet
255Kb / 3P
200mW 40Volt Schottky Barrier Diode
BAT42WS MCC-BAT42WS_14 Datasheet
347Kb / 3P
Schottky Barrier Diode 200mW
BAT46WS MCC-BAT46WS Datasheet
306Kb / 3P
Schottky Barrier Diode 200mW
SD103ATW MCC-SD103ATW_13 Datasheet
181Kb / 3P
200mW SCHOTTKY BARRIER DIODE
BAS40TW MCC-BAS40TW_14 Datasheet
320Kb / 3P
200mW 40Volt Schottky Barrier Diode
BAS70TW MCC-BAS70TW_13 Datasheet
217Kb / 3P
200mW SCHOTTKY BARRIER Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com