Electronic Components Datasheet Search
  English  ▼

X  

BAT42W Datasheet(PDF) 1 Page - Micro Commercial Components

Part # BAT42W
Description  200mW Schottky Diodes 30 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BAT42W Datasheet(HTML) 1 Page - Micro Commercial Components

  BAT42W Datasheet HTML 1Page - Micro Commercial Components BAT42W Datasheet HTML 2Page - Micro Commercial Components BAT42W Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BAT42W
THRU
BAT43W
200mW
Schottky Diodes
30 Volts
Features
•
For General Purpose applications
•
These diodes are also available in the DO-35 case with the type
designations BAT42 to BAT43 and in the MiniMELF case with the
type designations LL42 to LL43.
Mechanical Data
•
Marking code: BAT42W=S7
,L2
BAT43W=S8 ,L3
Maximum Ratings
Symbol
Rating
Rating
Unit
VRRM
Repetitive Peak Reverse Voltage
30
V
IF
Forward DC Current at Tamb=25
OC
200
mA
IFRM
Repetitive Peak Forward Current at tp<1s,
Tamb=25
OC(1)
500
mA
IFSM
Surge Forward Current at tp<10ms,
Tj=25
OC(1)
4.0
A
Ptot
Power Dissipation at Tamb=65
OC(1)
200
mW
RJA
Thermal Resistance Junction to Ambient
Air
(1)
300
/W
TJ
Junction Temperature
-55 to +125
OC
TSTG
Storage Temperature
-55 to +150
OC
Electrical Characteristics @ 25
OC Unless Otherwise Specified
Symbol
Parameter
Min
Typ
Max
Units
V(BR)R
Reverse Breakdown Voltage
(IR=100uAdc Pulsed)
30
---
---
V
VF
Forward Voltage
(2)
IF=200mAdc
IF=10mAdc
BAT42W
IF=50mAdc
BAT42W
IF=2.0mAdc
BAT43W
IF=15mAdc
BAT43W
---
---
---
0.26
---
---
---
---
---
---
1.0
0.4
0.65
0.33
0.45
V
IR
Leakage Current
(2)
(VR=25Vdc)
(VR=25Vdc, Tj=100
OC)
---
---
---
---
0.5
100
uA
Ctot
Capacitance
(VR=1.0, f=1.0MHz)
---
7.0
---
pF
trr
Reverse Recovery Time
(IF=10mA, IR=10mA)
(Irr=1.0mA, RL=100OHM)
---
---
5.0
ns
1
. Valid provided that electrodes are kept at ambient temperature
2
. Pulse Test tp<300us, Duty Cycle<2%
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
SOD123
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.140
.152
3.55
3.85
B
.100
.112
2.55
2.85
C
.055
.071
1.40
1.80
D
-----
.053
-----
1.35
E
.012
.031
0.30
.78
G
.006
-----
0.15
-----
H
-----
.01
-----
.25
J
-----
.006
-----
.15
A
B
E
C
J
D
H
G
0.036”
0.093
0.048”
SUGGESTED SOLDER
PAD LAYOUT
OC
www.mccsemi.com
Revision:
A
20
11/01/01
TM
Micro Commercial Components
1 of 3
•
Lead Free Finish/RoHS Compliant("P" Suffix
designates RoHS Compliant. See ordering information)
Notes:
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1


Similar Part No. - BAT42W

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAT42W PANJIT-BAT42W Datasheet
61Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
Won-Top Electronics
BAT42W WTE-BAT42W Datasheet
30Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Diodes Incorporated
BAT42W DIODES-BAT42W Datasheet
68Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30016 Rev. 5 - 2
logo
General Semiconductor
BAT42W GE-BAT42W Datasheet
39Kb / 2P
Schottky Diodes
logo
Jiangsu Changjiang Elec...
BAT42W JIANGSU-BAT42W Datasheet
321Kb / 3P
SCHOTTKY DIODE
More results

Similar Description - BAT42W

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BAS85 MCC-BAS85 Datasheet
701Kb / 3P
200mW Small Signal Schottky Barrier Diodes 30 Volts
BAS86 MCC-BAS86 Datasheet
732Kb / 3P
200mW Small Signal Schottky Barrier Diodes 50 Volts
BAV70DW MCC-BAV70DW Datasheet
253Kb / 3P
200mW Switching Diodes 75 Volts
BAW56DW MCC-BAW56DW Datasheet
246Kb / 3P
200mW Switching Diodes 75 Volts
MMBD301 MCC-MMBD301 Datasheet
181Kb / 3P
30 Volts Schottky Barrier Diodes
BAV70DW MCC-BAV70DW_13 Datasheet
290Kb / 3P
200mW Switching Diodes 75 Volts
BAT42W MCC-BAT42W_13 Datasheet
244Kb / 3P
200mW Schottky Diodes 30 Volts For General Purpose applications
BAW56DW MCC-BAW56DW_13 Datasheet
282Kb / 3P
200mW Switching Diodes 75 Volts
MMBD301 MCC-MMBD301_14 Datasheet
214Kb / 3P
30 Volts Schottky Barrier Diodes
BAS85 MCC-BAS85_12 Datasheet
396Kb / 3P
200mW Small Signal Schottky Barrier Diodes 30 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com