Electronic Components Datasheet Search
  English  ▼

X  

BAT42WS Datasheet(PDF) 1 Page - Micro Commercial Components

Part # BAT42WS
Description  Schottky Barrier Diode 200mW
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BAT42WS Datasheet(HTML) 1 Page - Micro Commercial Components

  BAT42WS Datasheet HTML 1Page - Micro Commercial Components BAT42WS Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.090
.107
2.30
2.70
B
.063
.071
1.60
1.80
C
.045
.053
1.15
1.35
D
.031
.045
0.80
1.15
E
.010
.016
0.25
0.40
G
.004
.018
0.10
0.45
H
.004
.010
0.10
0.25
J
-----
.006
-----
0.15
Features
Fast Switching Speed
Surface Mount Package Ideally Suited for Automatic Insertion
Low Forward Voltage Drop.
Mechanical Data
Polarity: Indicated by Cathode Band
Marking: BAT42WS S7
BAT43WS S8
Maximum Ratings @ 25
oC Unless Otherwise Specified
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
VRRM
Working Peak Reverse Voltage
VRWM
30
V
DC Blocking Voltage
VR
RMS Reverse Voltage
VR(RMS)
21
V
Forward Continuous Current(Note1)
IFM
200
mA
Average Rectified Output Current
Io
100
mA
Repetitive Peak Forward Surge Current @ t<1.0s
IFRM
500
mA
Non-Rep. Peak Forward Surge Current @ t<10ms
IFSM
4A
Power Dissipation
Pd
200
mW
Thermal Resistance(Note 1)
R
625
K/W
Operation/Storage Temp. Range
Tj, TSTG -55 to +125
o
C
Electrical Characteristics @ 25
oC Unless Otherwise Specified
Charateristic
Symbol
Min
Max
Unit
Test Cond.
Forward Voltage Drop(Note2)
All Types
BAT42WS
BAT42WS
BAT43WS
BAT43WS
VFM
----
----
----
0.26
----
1.0
0.40
0.65
0.33
0.45
V
IF=200mA
IF=10mA
IF=50mA
IF=2.0mA
IF=15mA
Maximum Peak Reverse
Current
IRM
-----
500
100
nA
uA
VR=25V
VR=25V Tj=100
o
C
Junction Capacitance
Cj
-----
10
pF VR=1V, f=1.0MHz
Reverse Recovery Time
trr
-----
5
ns
IF=IR=10mA
Irr=0.1IR
R L=100OHMS
BAT42WS
BAT43WS
Schottky Barrier
Diode
200mW
SOD323
A
B
E
C
J
D
H
G
0.022”
0.074"
0.027”
SUGGESTED SOLDER
PAD LAYOUT
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
www.mccsemi.com
Revision:
A
20
11/01/01
TM
Micro Commercial Components
1 of 2
Lead Free Finish/RoHS Compliant ("P" Suffix
designates RoHS Compliant. See ordering information)
2. t<=300us, duty cycle<=2%
Notes:
1. Valid provided that terminals are kept at ambient temperature
Epoxy meets UL 94 V-0 flammability rating
Moisture Sensitivity Level 1


Similar Part No. - BAT42WS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAT42WS PANJIT-BAT42WS Datasheet
113Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER
logo
Won-Top Electronics
BAT42WS WTE-BAT42WS Datasheet
30Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Diodes Incorporated
BAT42WS DIODES-BAT42WS Datasheet
65Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30100 Rev. 7 - 2
logo
Jiangsu Changjiang Elec...
BAT42WS JIANGSU-BAT42WS Datasheet
135Kb / 2P
SCHOTTKY DIODES
logo
Weitron Technology
BAT42WS WEITRON-BAT42WS Datasheet
172Kb / 3P
Surface Mount Schottky Barrier Diode
More results

Similar Description - BAT42WS

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
BAT42WS CHENYI-BAT42WS Datasheet
51Kb / 1P
Schottky barrier switching diode 200mw
logo
Micro Commercial Compon...
BAS40DW-06 MCC-BAS40DW-06 Datasheet
221Kb / 3P
200mW SCHOTTKY BARRIER Diode
BAS70TW MCC-BAS70TW Datasheet
196Kb / 3P
200mW SCHOTTKY BARRIER Diode
SD103ATW MCC-SD103ATW Datasheet
219Kb / 3P
200mW SCHOTTKY BARRIER DIODE
BAS40TW-TP MCC-BAS40TW-TP Datasheet
255Kb / 3P
200mW 40Volt Schottky Barrier Diode
BAT42WS MCC-BAT42WS_14 Datasheet
347Kb / 3P
Schottky Barrier Diode 200mW
BAT46WS MCC-BAT46WS Datasheet
306Kb / 3P
Schottky Barrier Diode 200mW
SD103ATW MCC-SD103ATW_13 Datasheet
181Kb / 3P
200mW SCHOTTKY BARRIER DIODE
BAS40TW MCC-BAS40TW_14 Datasheet
320Kb / 3P
200mW 40Volt Schottky Barrier Diode
BAS70TW MCC-BAS70TW_13 Datasheet
217Kb / 3P
200mW SCHOTTKY BARRIER Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com