Electronic Components Datasheet Search
  English  ▼

X  

LH28F008SA Datasheet(PDF) 13 Page - Sharp Corporation

Part # LH28F008SA
Description  8M (1M 횞 8) Flash Memory
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH28F008SA Datasheet(HTML) 13 Page - Sharp Corporation

Back Button LH28F008SA Datasheet HTML 9Page - Sharp Corporation LH28F008SA Datasheet HTML 10Page - Sharp Corporation LH28F008SA Datasheet HTML 11Page - Sharp Corporation LH28F008SA Datasheet HTML 12Page - Sharp Corporation LH28F008SA Datasheet HTML 13Page - Sharp Corporation LH28F008SA Datasheet HTML 14Page - Sharp Corporation LH28F008SA Datasheet HTML 15Page - Sharp Corporation LH28F008SA Datasheet HTML 16Page - Sharp Corporation LH28F008SA Datasheet HTML 17Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
8M (1M × 8) Flash Memory
LH28F008SA
13
Figure 5. Automated Byte Write Flowchart
START
BUS
OPERATION
COMMAND
COMMENTS
WRITE 40H (10H),
BYTE ADDRESS
WRITE BYTE
ADDRESS/DATA
WSM
READY?
NO
YES
NO
NO
YES
YES
FULL STATUS
CHECK IF DESIRED
BYTE WRITE
COMPLETED
BYTE WRITE
SUCCESSFUL
VPP RANGE
ERROR
BYTE WRITE
ERROR
STATUS REGISTER
DATA READ
(see above)
SR.3 = 0
?
SR.4 = 0
?
Write
Write
Standby/Read
Byte Write
Setup
Byte Write
Data = 40H (10H)
Addr = Byte to be written
Data to be written
Addr = Byte to be written
Check RY/BY
VOH = Ready, VOL = Busy
Repeat for subsequent bytes.
Full status check can be done after each byte or after a
sequence of bytes.
Write FFH after the last byte write operation to reset the
device to Read Array Mode.
or
Read Status Register
Check SR.7
1 = Ready, 0 = Busy
Toggle OE or CE to update
Status Register
BUS
OPERATION
COMMAND
FULL STATUS CHECK PROCEDURE
COMMENTS
Optional
Read
Standby
Standby
CPU may already have read
Status Register data in WSM
Ready polling above
Check SR.3
1 = VPP Low Detect
Check SR.4
1 = Byte Write Error
SR.3 must be cleared, if set during a byte write attempt,
before further attempts are allowed by the Write State
Machine.
SR.4 is only cleared by the Clear Status Register Command,
in cases where multiple bytes are written before full status is
checked.
If error is detected, clear the Status Register before
attempting retry or other error recovery.
28F008SA-5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com