Electronic Components Datasheet Search
  English  ▼

X  

SCH-V Datasheet(PDF) 4 Page - Sharp Corporation

Part # SCH-V
Description  8 M-bit (1 MB x 8) Smart 5
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

SCH-V Datasheet(HTML) 4 Page - Sharp Corporation

  SCH-V Datasheet HTML 1Page - Sharp Corporation SCH-V Datasheet HTML 2Page - Sharp Corporation SCH-V Datasheet HTML 3Page - Sharp Corporation SCH-V Datasheet HTML 4Page - Sharp Corporation SCH-V Datasheet HTML 5Page - Sharp Corporation SCH-V Datasheet HTML 6Page - Sharp Corporation SCH-V Datasheet HTML 7Page - Sharp Corporation SCH-V Datasheet HTML 8Page - Sharp Corporation SCH-V Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
LH28F008SC-V/SCH-V
- 4 -
SYMBOL
TYPE
NAME AND FUNCTION
A0-A19
INPUT
ADDRESS INPUTS : Inputs for addresses during read and write operations. Addresses
are internally latched during a write cycle.
INPUT/
DATA INPUT/OUTPUTS : Inputs data and commands during CUI write cycles; outputs
data during memory array, status register, and identifier code read cycles. Data pins
float to high-impedance when the chip is deselected or outputs are disabled. Data is
internally latched during a write cycle.
CE#
INPUT
CHIP ENABLE : Activates the device's control logic, input buffers, decoders, and sense
amplifiers. CE#-high deselects the device and reduces power consumption to standby
levels.
RESET/DEEP POWER-DOWN : Puts the device in deep power-down mode and resets
internal automation. RP#-high enables normal operation. When driven low, RP# inhibits
write operations which provide data protection during power transitions. Exit from deep
power-down sets the device to read array mode. RP# at VHH enables setting of the
master lock-bit and enables configuration of block lock-bits when the master lock-bit is
set. RP# = VHH overrides block lock-bits thereby enabling block erase and byte write
operations to locked memory blocks. Block erase, byte write, or lock-bit configuration
with VIH
≤ RP# ≤ VHH produce spurious results and should not be attempted.
OE#
INPUT
OUTPUT ENABLE : Gates the device's outputs during a read cycle.
WE#
INPUT
WRITE ENABLE : Controls writes to the CUI and array blocks. Addresses and data are
latched on the rising edge of the WE# pulse.
READY/BUSY : Indicates the status of the internal WSM. When low, the WSM is
performing an internal operation (block erase, byte write, or lock-bit configuration).
RY/BY#-high indicates that the WSM is ready for new commands, block erase is
suspended, and byte write is inactive, byte write is suspended, or the device is in deep
power-down mode. RY/BY# is always active and does not float when the chip is
deselected or data outputs are disabled.
BLOCK ERASE, BYTE WRITE, LOCK-BIT CONFIGURATION POWER SUPPLY : For
erasing array blocks, writing bytes, or configuring lock-bits. With VPP
≤ VPPLK, memory
contents cannot be altered. Block erase, byte write, and lock-bit configuration with an
invalid VPP (see Section 6.2.3 "DC CHARACTERISTICS") produce spurious results
and should not be attempted.
DEVICE POWER SUPPLY : Internal detection configures the device for 5 V operation.
Do not float any power pins. With VCC
≤ VLKO, all write attempts to the flash memory
are inhibited. Device operations at invalid VCC voltage (see Section 6.2.3 "DC
CHARACTERISTICS") produce spurious results and should not be attempted.
GND
SUPPLY
GROUND : Do not float any ground pins.
NC
NO CONNECT : Lead is not internal connected; recommend to be floated.
OUTPUT
DQ0-DQ7
PIN DESCRIPTION
RP#
INPUT
RY/BY#
OUTPUT
VPP
SUPPLY
VCC
SUPPLY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com