Electronic Components Datasheet Search
  English  ▼

X  

BAT54DW Datasheet(PDF) 1 Page - Micro Commercial Components

Part # BAT54DW
Description  200mWatt, 30Volt Schottky Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BAT54DW Datasheet(HTML) 1 Page - Micro Commercial Components

  BAT54DW Datasheet HTML 1Page - Micro Commercial Components BAT54DW Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BAT54DW
200mWatt, 30Volt
Schottky Diodes
Features
•
Extremely-Fast Switching Speed
•
Low Forward Voltage Drop
Rating
Rating
Unit
VRRM
VRWM
VR
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
30
V
IF
Forward Current
200
mA
R©JA
Thermal Resistance Junction to Ambient
635
/W
PD
Power dissipation
200
mW
TJ
Junction Temperature
-65 to +150
TSTG
Storage Temperature
-65 to +150
Electrical Characteristics @ 25OC Unless Otherwise Specified
Symbol
Parameter
Min
Max
Test Conditions
V(BR)
Reverse Breakdown Voltage
30V
IR=10
­A
IR
Reverse Voltage Leakage
Current
2
­A
VR=25V
VF
Forward Voltage
0.24V
0.50V
1.0V
0.32V
0.40V
IF=0.1mA
IF=30mA
IF=100mA
IF=1.0mA
IF=10mA
CT
Total Capacitance
10pF
VR=1V, f=1MHZ
trr
Reverse Recovery Time
5ns
Irr=10mA,IR=10mA~1
mA
Revision:
A
20
11/01/01
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
IFRM
Repetitive peak forward current
300
mA
IFSM
Peak forward current 9t=1us)
600
mA
Maxim um Ratings
Symbol
TM
Micro Commercial Components
MARKING:KLD
DIMENSIONS
J
M
A
C
B
G
H
K
D
L
SOT-363
A2
C1
NC
NC
C2
A1
www.mccsemi.com
1 of 2
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.00
6
.01
4
0.1
5
0.3
5
B
.045
.053
1.15
1.35
C
.0
85
.0
96
2.
15
2.
45
D
.026
0.65Nominal
G
.0
47
.0
55
1.20
1.40
H
.071
.087
1.80
2.20
J
---
.004
---
0.10
K
.035
.0
43
0.90
1.
10
L
.010
.01
8
0.2
6
0.4
6
M
.00
3
.0
06
0.
08
0.
15
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1


Similar Part No. - BAT54DW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAT54DW DIODES-BAT54DW Datasheet
83Kb / 4P
Sub-miniature Schottky Diodes & Arrays in
BAT54DW DIODES-BAT54DW Datasheet
44Kb / 2P
DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30107 Rev. 3 - 2
BAT54DW DIODES-BAT54DW Datasheet
364Kb / 3P
DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30107 Rev. 8 - 2
BAT54DW DIODES-BAT54DW Datasheet
122Kb / 3P
DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30107 Rev. 11 - 2
logo
Pan Jit International I...
BAT54DW PANJIT-BAT54DW Datasheet
100Kb / 3P
SURFACE MOUNT SCHOTTKY DIODE ARRAYS
More results

Similar Description - BAT54DW

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BAT54LP MCC-BAT54LP Datasheet
446Kb / 2P
200mWatt, 30Volt Schottky Barrier Diode
BAT54W MCC-BAT54W Datasheet
252Kb / 3P
200mWatt, 30Volt Schottky Barrier Diode
BAT54WS MCC-BAT54WS Datasheet
193Kb / 3P
200mWatt, 30Volt Schottky Barrier Diode
BAT54WX MCC-BAT54WX Datasheet
202Kb / 3P
200mWatt, 30Volt Schottky Diodes
logo
Diodes Incorporated
BAT54WX DIODES-BAT54WX Datasheet
216Kb / 3P
200mWatt, 30Volt Schottky Diodes
Rev erse
logo
Micro Commercial Compon...
BAT54WX-TP MCC-BAT54WX-TP Datasheet
216Kb / 3P
200mWatt, 30Volt Schottky Diodes
BAT54AWT-TP MCC-BAT54AWT-TP Datasheet
380Kb / 3P
200mWatt, 30Volt Schottky Barrier Diode
BAT54DW MCC-BAT54DW_13 Datasheet
225Kb / 2P
200mWatt, 30Volt Schottky Diodes
BAT54WS MCC-BAT54WS_13 Datasheet
322Kb / 3P
200mWatt, 30Volt Schottky Barrier Diode
BAT54WX MCC-BAT54WX_13 Datasheet
230Kb / 3P
200mWatt, 30Volt Schottky Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com