Electronic Components Datasheet Search
  English  ▼

X  

LH28F016SA Datasheet(PDF) 27 Page - Sharp Corporation

Part # LH28F016SA
Description  16M (1M 횞 16, 2M 횞 8) Flash Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH28F016SA Datasheet(HTML) 27 Page - Sharp Corporation

Back Button LH28F016SA Datasheet HTML 23Page - Sharp Corporation LH28F016SA Datasheet HTML 24Page - Sharp Corporation LH28F016SA Datasheet HTML 25Page - Sharp Corporation LH28F016SA Datasheet HTML 26Page - Sharp Corporation LH28F016SA Datasheet HTML 27Page - Sharp Corporation LH28F016SA Datasheet HTML 28Page - Sharp Corporation LH28F016SA Datasheet HTML 29Page - Sharp Corporation LH28F016SA Datasheet HTML 30Page - Sharp Corporation LH28F016SA Datasheet HTML 31Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
16M (1M × 16, 2M × 8) Flash Memory
LH28F016SA
27
AC Characteristics for WE
  » - Controlled Command Write Operations1
TA = 0°C to +70°C
SYMBOL
PARAMETER
V
CC = 3.3 ± 0.3 V
UNITS
NOTE
TYP.
MIN.
MAX.
t
AVAV
Write Cycle Time
120
ns
t
VPWH
V
PP Setup to WE Going High
100
ns
3
t
PHEL
RP
» Setup to CE» Going Low
480
ns
t
ELWL
CE
» Setup to WE Going Low
10
ns
t
AVWH
Address Setup to WE Going High
75
ns
2, 6
t
DVWH
Data Setup to WE Going High
75
ns
2, 6
t
WLWH
WE Pulse Width
75
ns
t
WHDX
Data Hold from WE High
10
ns
2
t
WHAX
Address Hold from WE High
10
ns
2
t
WHEH
CE
» Hold from WE High
10
ns
t
WHWL
WE Pulse Width High
45
ns
t
GHWL
Read Recovery before Write
0
ns
t
WHRL
WE High to RY
»/BY» Going Low
100
ns
t
RHPL
RP
» Hold from Valid Status Register
(CSR, GSR, BSR) Data and RY
»/BY» High
0ns
3
t
PHWL
RP
» High Recovery to WE Going Low
1
µs
t
WHGL
Write Recovery before Read
95
ns
t
QVVL
V
PP Hold from Valid Status Register
(CSR, GSR, BSR) Data and RY
»/BY» High
0µs
t
WHQV
1
Duration of Word/Byte Write Operation
9
5
µs
4, 5
t
WHQV
2
Duration of Block Erase Operation
0.3
s
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com