Electronic Components Datasheet Search
  English  ▼

X  

BAT54T Datasheet(PDF) 1 Page - Micro Commercial Components

Part # BAT54T
Description  150mWatt, 30Volt Schottky Barrier Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BAT54T Datasheet(HTML) 1 Page - Micro Commercial Components

  BAT54T Datasheet HTML 1Page - Micro Commercial Components BAT54T Datasheet HTML 2Page - Micro Commercial Components BAT54T Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BAT54T
THRU
BAT54ST
150mWatt, 30Volt
Schottky Barrier Diode
SOT-523
Features
Ultra-Small Surface Mount Package
Low Forward Voltage Drop
Fast Switching
PN Junction Guard Ring for Transient andESD Protection
MCC
Part Number
Device
Marking
Type
Pin
Configuration
BAT54T
L1
Single
Figure 1
BAT54AT
L2
Dual
Figure 2
BAT54CT
L3
Dual
Figure 3
BAT54ST
L4
Dual
Figure 4
Maximum Ratings
DC Blocking Voltage
VR
30V
Average Rectified Output Current
IO
200mA
Repetitive Peak Forward Current
IFRM
300mA
Non-Repetitive Peak Forward Current t<1s
IFSM
600mA
Total Power Dissipation @ TA = 25 C
PD
150mW
Storage Temperature Range
Tstg
-65 C to 1
2
5 C
Junction Temperature
Tj
-65 C to 1
2
5 C
Electrical Characteristics @ 25 C Unless Otherwise Specified
Ratings
Symbol
Max.
Notes
Forward Voltage
VF
240mV
320mV
400mV
500mV
1000mV
IF = 0.1mA
IF = 1mA
IF = 10mA
IF = 30mA
IF = 100mA
Reverse Current
IR
2 A
VR = 25V
Reverse Breakdown
Voltage
V(BR)
>30V
IR=100uA
Total Capacitance
CT
10pF
Measured at
1.0MHz, VR=1.0V
Reverse Recovery
Time
trr
5nS
IF = 10mA ;
IR = 10mA ~1.0mA,
RL = 100
A
C
B
D
E
G
H
J
K
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.059
.067
1.50
1.70
B
.030
.033
0.75
0.85
C
.057
.069
1.45
1.75
D
.020 Nominal
0.50Nominal
E
.035
.043
0.90
1.10
G
.000
.004
.000
.100
H
.028
.031
.70
0.80
J
.004
.008
.100
.200
K
.010
.014
.25
.35
DIMENSIONS
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
www.mccsemi.com
1 of 3
Thermal Resistance Junction to Ambient
RqJA
667°C/W
Revision: A
2011/01/01
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
•
Lead Free Finish/Rohs Compliant ("P"Suffix designates
RoHS Compliant. See ordering information)
MCC
TM
Micro Commercial Components


Similar Part No. - BAT54T

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAT54T DIODES-BAT54T Datasheet
176Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30259 Rev. 3 - 2
logo
Weitron Technology
BAT54T WEITRON-BAT54T Datasheet
491Kb / 3P
Surface Mount Schottky Diodes
logo
Diodes Incorporated
BAT54T DIODES-BAT54T Datasheet
362Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30259 Rev. 8 - 2
logo
Galaxy Semi-Conductor H...
BAT54T BILIN-BAT54T Datasheet
179Kb / 3P
Schottky Barrier Diode
logo
Guangdong Kexin Industr...
BAT54T KEXIN-BAT54T Datasheet
35Kb / 1P
Switching Diode
More results

Similar Description - BAT54T

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BAS70T MCC-BAS70T Datasheet
604Kb / 3P
150mWatt, 70Volt Schottky Barrier Diode
BAT54TW MCC-BAT54TW Datasheet
236Kb / 3P
200mWatt, 30Volt Schottky Barrier Diode
BAT54WS MCC-BAT54WS Datasheet
193Kb / 3P
200mWatt, 30Volt Schottky Barrier Diode
BAT54AT-TP MCC-BAT54AT-TP Datasheet
308Kb / 3P
150mWatt, 30Volt 150mWatt, 30Volt
BAT54AWT-TP MCC-BAT54AWT-TP Datasheet
380Kb / 3P
200mWatt, 30Volt Schottky Barrier Diode
BAT54 MCC-BAT54_14 Datasheet
363Kb / 3P
200mWatt, 30Volt Schottky Barrier Diode
BAT54CM MCC-BAT54CM Datasheet
462Kb / 3P
150mWatt, 30Volt Schottky Barrier Diode
BAT54M MCC-BAT54M Datasheet
569Kb / 3P
150mWatt, 30Volt Schottky Barrier Diode
BAT54T MCC-BAT54T_13 Datasheet
308Kb / 3P
150mWatt, 30Volt Schottky Barrier Diode
BAT54WS MCC-BAT54WS_13 Datasheet
322Kb / 3P
200mWatt, 30Volt Schottky Barrier Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com