Electronic Components Datasheet Search
  English  ▼

X  

RB495D Datasheet(PDF) 2 Page - Rohm

Part # RB495D
Description  Schottky Barrier Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RB495D Datasheet(HTML) 2 Page - Rohm

  RB495D Datasheet HTML 1Page - Rohm RB495D Datasheet HTML 2Page - Rohm RB495D Datasheet HTML 3Page - Rohm RB495D Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Data Sheet
RB495D
0
5
10
15
20
25
30
AVE:8.6ns
Ta=25℃
IF=0.5A
IR=1A
Irr=0.25*IR
n=10pcs
FORWARD VOLTAGE:VF(mV)
VF-IF CHARACTERISTICS
REVERSE VOLTAGE:VR(V)
VR-IR CHARACTERISTICS
REVERSE VOLTAGE:VR(V)
VR-Ct CHARACTERISTICS
VF DISPERSION MAP
IR DISPERSION MAP
Ct DISPERSION MAP
IFSM DISRESION MAP
NUMBER OF CYCLES
IFSM-CYCLE CHARACTERISTICS
TIME:t(ms)
IFSM-t CHARACTERISTICS
TIME:t(s)
Rth-t CHARACTERISTICS
AVERAGE RECTIFIED
FORWARD CURRENT:Io(A)
Io-Pf CHARACTERISTICS
trr DISPERSION MAP
0.001
0.01
0.1
1
0
100
200
300
400
500
600
Ta=-25℃
Ta=125℃
Ta=75℃
Ta=25℃
0.1
1
10
100
1000
10000
100000
0
5
10
15
20
25
30
35
40
Ta=125℃
Ta=75℃
Ta=25℃
Ta=-25℃
1
10
100
0
5
10
15
20
25
30
f=1MHz
330
340
350
360
370
380
AVE:359.0mV
Ta=25℃
IF=200mA
n=30pcs
0
20
40
60
80
100
120
140
160
180
200
Ta=25℃
VR=25V
n=30pcs
AVE:33.62uA
50
55
60
65
70
75
80
85
90
95
100
AVE:71.8pF
Ta=25℃
f=1MHz
VR=0V
n=10pcs
0
5
10
15
20
25
30
AVE:12.50A
8.3ms
Ifsm
1cyc
0
5
10
15
20
1
10
100
8.3ms
Ifsm
1cyc
8.3ms
0
5
10
15
20
1
10
100
t
Ifsm
1
10
100
1000
0.001
0.1
10
1000
Rth(j-a)
Rth(j-c)
1ms
IM=1mA
IF=10mA
300us
time
Mounted on epoxy board
0
0.1
0.2
0.3
0
0.1
0.2
0.3
0.4
0.5
Per chip
DC
D=1/2
Sin(θ=180)
2/3
2011.05 - Rev.B



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com