Electronic Components Datasheet Search
  English  ▼

X  

BAT54WT Datasheet(PDF) 1 Page - Micro Commercial Components

Part # BAT54WT
Description  200mWatt, 30Volt Schottky Barrier Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BAT54WT Datasheet(HTML) 1 Page - Micro Commercial Components

  BAT54WT Datasheet HTML 1Page - Micro Commercial Components BAT54WT Datasheet HTML 2Page - Micro Commercial Components BAT54WT Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BAT54WT
thru
BAT54SWT
200mWatt, 30Volt
Schottky Barrier Diode
Features
•
Low Forward Voltage
•
Surface Mount SOT-323 Package
•
Capable of 200mWatts of Power Dissipation
Part
Number
Device
Marking
Type
Pin
Configuration
BAT54WT
KL5
Single
Figure 1
BAT54AWT
KL6
Dual
Figure 2
BAT54CWT
KL7
Dual
Figure 3
BAT54SWT
KL8
Dual
Figure 4
Maximum Ratings
Continuous Reverse Voltage
VR
30V
Repetitive Peak Forward Current
IFRM
300mA
Non-Repetitive Peak Forward Current t<1s
IFSM
600mA
Total Power Dissipation @ TA = 25°C
PD
200mW
Storage Temperature Range
Tstg
-55°C to 125°C
Electrical Characteristics @ 25 °C Unless Otherwise Specified
Ratings
Symbol
Max.
Notes
Forward Voltage at
IF = 0.1mA
IF = 1mA
IF = 10mA
IF = 30mA
IF = 100mA
VF
240mV
320mV
400mV
500mV
1000mV
Reverse Current
IR
2 uA
VR = 25V
Reverse Breakdown
Voltage
V(BR)
>30V
Capacitance
CJ
10pF
Measured at
1.0MHz, VR=1.0V
Reverse Recovery
Time
trr
5nS
IF=IR=10mA;
I(REC) = 1mA
Thermal Resistance,
Junction to Ambient
RθJA
500K/W
Forward Current
IF
200mA
Junction Temperature
Tj
SOT-323
Suggested Solder
Pad Layout
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.071
.087
1.80
2.20
B
.045
.053
1.15
1.35
C
.079
.087
2.00
2.20
D
.026 Nominal
0.65Nominal
E
.047
.055
1.20
1.40
F
.012
.016
.30
.40
G
.000
.004
.000
.100
H
.035
.039
.90
1.00
J
.004
.010
.100
.250
K
.012
.016
.30
.40
A
C
B
D
E
F
G
H
J
1.90
0.70
0.90
0.65
0.65
DIMENSIONS
K
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
M C C
www.mccsemi.com
Revision:
A
20
11/01/01
TM
Micro Commercial Components
1 of 3
-55°C to 125°C
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
•
Lead Free Finish/Rohs Compliant ("P"Suffix designates
RoHS Compliant. See ordering information)


Similar Part No. - BAT54WT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAT54WT DIODES-BAT54WT Datasheet
99Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS31396 Rev. 3 - 2
logo
Micro Commercial Compon...
BAT54WT MCC-BAT54WT Datasheet
380Kb / 3P
200mWatt, 30Volt Schottky Barrier Diode
logo
Surge Components
BAT54WT SURGE-BAT54WT Datasheet
765Kb / 3P
low forward voltage
logo
Micro Commercial Compon...
BAT54WT MCC-BAT54WT Datasheet
331Kb / 3P
200mWatt, 30Volt Schottky Barrier Diode
logo
First Silicon Co., Ltd
BAT54WT FS-BAT54WT Datasheet
352Kb / 3P
Schottky Barrier Diode
More results

Similar Description - BAT54WT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BAT54 MCC-BAT54_11 Datasheet
201Kb / 3P
200mWatt, 30Volt Schottky Barrier Diode
BAT54LP MCC-BAT54LP Datasheet
446Kb / 2P
200mWatt, 30Volt Schottky Barrier Diode
BAT54TW MCC-BAT54TW Datasheet
236Kb / 3P
200mWatt, 30Volt Schottky Barrier Diode
BAT54W MCC-BAT54W Datasheet
252Kb / 3P
200mWatt, 30Volt Schottky Barrier Diode
BAT54WS MCC-BAT54WS Datasheet
193Kb / 3P
200mWatt, 30Volt Schottky Barrier Diode
BAT54C-TP MCC-BAT54C-TP Datasheet
257Kb / 3P
200mWatt, 30Volt Schottky Barrier Diode
BAT54AWT-TP MCC-BAT54AWT-TP Datasheet
380Kb / 3P
200mWatt, 30Volt Schottky Barrier Diode
BAT54 MCC-BAT54_14 Datasheet
363Kb / 3P
200mWatt, 30Volt Schottky Barrier Diode
BAT54TW MCC-BAT54TW_13 Datasheet
267Kb / 3P
200mWatt, 30Volt Schottky Barrier Diode
BAT54WS MCC-BAT54WS_13 Datasheet
322Kb / 3P
200mWatt, 30Volt Schottky Barrier Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com