Electronic Components Datasheet Search
  English  ▼

X  

BAV20W Datasheet(PDF) 1 Page - Micro Commercial Components

Part # BAV20W
Description  410mW Small Signal Diodes 120 to 250 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BAV20W Datasheet(HTML) 1 Page - Micro Commercial Components

  BAV20W Datasheet HTML 1Page - Micro Commercial Components BAV20W Datasheet HTML 2Page - Micro Commercial Components BAV20W Datasheet HTML 3Page - Micro Commercial Components BAV20W Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BAV19W
THRU
BAV21W
410mW
Small Signal
Diodes
120 to 250 Volts
Features
•
Silicon Epitaxial Planar Diodes
•
For General Purpose
•
This diode is also available in other case.
Mechanical Data
•
Marking code:
BAV19W=A8
BAV20W=T2 or A80
BAV21W=T3 or A82
Maximum Ratings
Symbol
Rating
Rating
Unit
VR
Continuous Reverse Voltage
BAV19W
BAV20W
BAV21W
100
150
200
V
VRRM
Repetitive Peak Reverse Voltage BAV19W
BAV20W
BAV21W
120
200
250
V
IF
Forward DC Current at Tamb=25
OC(1)
250
mA
IF(AV)
Rectified Current (Average) Half Wave
Rectification with Resist. Load at
Tamb=25
OC(1)
200
mA
IFRM
Repetitive Peak Forward Current at f>50Hz,
Tamb=25
OC(1)
625
mA
IFSM
Surge Forward Current at t<1s, Tj=25
OC
1.0
A
Ptot
Power Dissipation at Tamb=25
OC(1)
410
mW
RJA
Thermal Resistance Junction to Ambient Air
305
TJ
Junction Temperature
-55 to +150
OC
TSTG
Storage Temperature
-55 to +150
OC
Electrical Characteristics @ 25
OC Unless Otherwise Specified
Symbol
Parameter
Min
Typ
Max
Units
VF
Forward Voltage
(IF=100mA)
(IF=200mA)
---
---
---
---
1.00
1.25
V
IR
Leakage Current
(VR=100V)
BAV19W
(VR=100V, Tj=100
OC)
BAV19W
(VR=150V)
BAV20W
(VR=150V, Tj=100
OC)
BAV20W
(VR=200V)
BAV21W
(VR=200V, Tj=100
OC)
BAV21W
---
---
---
---
---
---
---
---
---
---
---
---
100
15
100
15
100
15
nA
uA
nA
uA
nA
uA
rf
Dynamic Forward Resistance
(IF=10mA)
---
5.0
---
OHM
Ctot
Capacitance
(VR=0, f=1.0MHz)
---
1.5
---
pF
trr
Reverse Recovery Time
(IF=30mA, IR=30mA)
(Irr=3.0mA, RL=100OHMS)
---
---
50
ns
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.140
.152
3.55
3.85
B
.100
.112
2.55
2.85
C
.055
.071
1.40
1.80
D
-----
.053
-----
1.35
E
.012
.031
0.30
.78
G
.006
-----
0.15
-----
H
-----
.01
-----
.25
J
-----
.006
-----
.15
0.036”
0.093"
0.048”
SUGGESTED SOLDER
PAD LAYOUT
A
B
E
C
J
D
H
G
SOD123
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%  !"#
MCC
www.mccsemi.com
Revision: B
2011/08/25
TM
Micro Commercial Components
1 of 4
•
Lead Free Finish/RoHS Compliant ("P" Suffix
designates RoHS Compliant. See ordering information)
Notes:
1. Valid provided that leads are kept at ambient temperature
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
OC/W


Similar Part No. - BAV20W

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAV20W PANJIT-BAV20W Datasheet
54Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
Transys Electronics
BAV20W TRSYS-BAV20W Datasheet
147Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Diodes Incorporated
BAV20W DIODES-BAV20W Datasheet
70Kb / 3P
SURFACE MOUNT SWITCHING DIODE
DS12024 Rev. 9 - 2
logo
General Semiconductor
BAV20W GE-BAV20W Datasheet
187Kb / 4P
Small Signal Diodes
logo
Micro Commercial Compon...
BAV20W MCC-BAV20W Datasheet
163Kb / 3P
410mW Small Signal Diodes 120 to 250 Volts
More results

Similar Description - BAV20W

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BAV19W MCC-BAV19W Datasheet
163Kb / 3P
410mW Small Signal Diodes 120 to 250 Volts
logo
Rectron Semiconductor
BAV19WS RECTRON-BAV19WS Datasheet
141Kb / 3P
SMALL SIGNAL DIODE VOLTAGE RANGE 120 to 250 Volts CURRENT 200 mAmpere
logo
ON Semiconductor
BS107 ONSEMI-BS107_07 Datasheet
71Kb / 4P
Small Signal MOSFET 250 mAmps, 200 Volts
October, 2007 - Rev. 5
logo
Micro Commercial Compon...
BAV19 MCC-BAV19 Datasheet
277Kb / 4P
500mW Small Signal Diodes 120 to 250 Volts
BAV19WS MCC-BAV19WS Datasheet
253Kb / 4P
250mW Small Signal Diodes 120 to 250 Volts
BAV19 MCC-BAV19_12 Datasheet
287Kb / 4P
500mW Small Signal Diodes 120 to 250 Volts
BAV19W MCC-BAV19W_13 Datasheet
332Kb / 4P
410mW Small Signal Diodes 120 to 250 Volts
BAV19WS MCC-BAV19WS_13 Datasheet
273Kb / 4P
250mW Small Signal Diodes 120 to 250 Volts
BAV21W-TP MCC-BAV21W-TP Datasheet
332Kb / 4P
410mW Small Signal Diodes 120 to 250 Volts
BAV19WS MCC-BAV19WS_16 Datasheet
264Kb / 4P
250mW Small Signal Diodes 120 to 250 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com