Electronic Components Datasheet Search
  English  ▼

X  

BAV70DW Datasheet(PDF) 1 Page - Micro Commercial Components

Part # BAV70DW
Description  200mW Switching Diodes 75 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BAV70DW Datasheet(HTML) 1 Page - Micro Commercial Components

  BAV70DW Datasheet HTML 1Page - Micro Commercial Components BAV70DW Datasheet HTML 2Page - Micro Commercial Components BAV70DW Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BAV70DW
200mW
Switching Diodes
75 Volts
Features
•
Fast switching speed
•
Ultra-Small surface mount package
•
For general purpose switching applications
•
High conductance
Mechanical Data
Maximum Ratings
Symbol
Rating
Rating
Unit
VRM
Non-Repetitive Peak Reverse Voltage
100
V
VRRM
VRWM
VR
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
75
V
VR(RMS)
RMS Reverse Voltage
53
V
IFM
Forward Continuous Current
300
mA
IO
Average Rectified Output Current
150
mA
IFSM
Non-Repetitive Peak Forward Surge Current
@ t=1.0us
@ t=1.0s
2.0
1.0
A
PD
Power Dissipation
200
mW
RJA
Thermal Resistance Junction to Ambient Air
625
/W
TJ
Junction Temperature
-55 to +150
TSTG
Storage Temperature
-55 to +150
Electrical Characteristics @ 25OC Unless Otherwise Specified
Symbol
Parameter
Min
Typ
Max
Units
V(BR)R
Reverse Breakdown Voltage
(IR=2.5
­Adc)
75
---
---
V
VF
Forward Voltage
(1)
IF=1.0mAdc
IF=10mAdc
IF=50mAdc
IF=150mAdc
---
---
---
---
---
---
---
---
0.715
0.855
1.0
1.25
V
IR
Leakage Current
(1)
(VR=75Vdc)
(VR=75Vdc, Tj=150
)
(VR=25Vdc, Tj=150
)
(VR=20Vdc)
---
---
---
---
---
---
---
---
2.5
50
30
25
uA
uA
uA
nA
Cj
Junction Capacitance
(VR=0, f=1.0MHz)
---
---
2.0
pF
trr
Reverse Recovery Time
(IF=10mA, IR=10mA, Irr=0.1 x IR
RL=100OHMS)
---
---
4.0
ns
*(1) Short duration test pulse to minimize self-heating effect.
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
www.mccsemi.com
Revision:
A
20
11/01/01
SOT-363
DIMENSIONS
J
M
A
C
B
G
H
K
D
L
TM
Micro Commercial Components
Marking Code: KJA
1 of 3
•
MSL Rating 1
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.00
6
.01
4
0.1
5
0.3
5
B
.045
.053
1.15
1.35
C
.0
85
.0
96
2.
15
2.
45
D
.026
0.65Nominal
G
.0
47
.0
55
1.20
1.40
H
.071
.087
1.80
2.20
J
---
.004
---
0.10
K
.035
.0
43
0.90
1.
10
L
.010
.01
8
0.2
6
0.4
6
M
.00
3
.0
06
0.
08
0.
15
•
Lead Free Finish/Rohs Compliant ("P"Suffix designates
RoHS Compliant. See ordering information)
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1


Similar Part No. - BAV70DW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAV70DW DIODES-BAV70DW Datasheet
62Kb / 3P
QUAD SURFACE MOUNT SWITCHING DIODE ARRAY
DS30132 Rev. 4 - 2
logo
Weitron Technology
BAV70DW WEITRON-BAV70DW Datasheet
277Kb / 3P
Surface Mount Switching Multi-Chip Diode Array
logo
Diodes Incorporated
BAV70DW DIODES-BAV70DW Datasheet
355Kb / 3P
QUAD SURFACE MOUNT SWITCHING DIODE ARRAY
DS30132 Rev. 8 - 2
BAV70DW DIODES-BAV70DW Datasheet
130Kb / 3P
SURFACE MOUNT SWITCHING DIODE ARRAY
Rev. 11 - 2 April 2008
logo
Pan Jit International I...
BAV70DW PANJIT-BAV70DW Datasheet
130Kb / 3P
SURFACE MOUNT SWITCHING DIODES
More results

Similar Description - BAV70DW

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1N4148X MCC-1N4148X Datasheet
480Kb / 3P
200mW Switching Diodes
BAW56DW MCC-BAW56DW Datasheet
246Kb / 3P
200mW Switching Diodes 75 Volts
MMBD4448DW MCC-MMBD4448DW Datasheet
242Kb / 3P
200mW Switching Diodes
1N4148X MCC-1N4148X_13 Datasheet
229Kb / 3P
200mW Switching Diodes
BAV70DW MCC-BAV70DW_13 Datasheet
290Kb / 3P
200mW Switching Diodes 75 Volts
MMBD4448DW MCC-MMBD4448DW_13 Datasheet
293Kb / 3P
200mW Switching Diodes
MMBD4448HAQW MCC-MMBD4448HAQW_13 Datasheet
213Kb / 4P
200mW Switching Diodes
1N4148X-TP MCC-1N4148X-TP Datasheet
229Kb / 3P
200mW Switching Diodes
1N4148X MCC-1N4148X_17 Datasheet
308Kb / 3P
200mW Switching Diodes
BAW56DW MCC-BAW56DW_13 Datasheet
282Kb / 3P
200mW Switching Diodes 75 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com