Electronic Components Datasheet Search
  English  ▼

X  

RB886G Datasheet(PDF) 2 Page - Rohm

Part # RB886G
Description  Schottky barrier diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RB886G Datasheet(HTML) 2 Page - Rohm

  RB886G Datasheet HTML 1Page - Rohm RB886G Datasheet HTML 2Page - Rohm RB886G Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RB886G
Diodes
Rev.A
2/2
Electrical characteristic curves (Ta=25
°C)
FORWARD VOLTAGE:VF(mV)
VF-IF CHARACTERISTICS
REVERSE VOLTAGE:VR(V)
VR-IR CHARACTERISTICS
REVERSE VOLTAGE:VR(V)
VR-Ct CHARACTERISTICS
VF DISPERSION MAP
IR DISPERSION MAP
Ct DISPERSION MAP
TIME:t(s)
Rth-t CHARACTERISTICS
ESD DISPERSION MAP
0.01
0.1
1
10
0
300
600
900
1200
1500
1
10
100
1000
012
34
5
0.1
1
01
23
4
5
f=1MHz
250
260
270
280
290
300
AVE:275.2mV
Ta=25℃
IF=1mA
n=30pcs
0
50
100
150
200
250
300
Ta=25℃
VR=5V
n=30pcs
AVE:21.63uA
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
AVE:0.520pF
Ta=25℃
f=1MHz
VR=1V
n=10pcs
10
100
1000
0.001
0.01
0.1
1
10
100
1000
Rth(j-a)
Rth(j-c)
1ms
IM=10mA
IF=100mA
300us
time
Mounted on epoxy board
0
1
2
3
4
5
AVE:0.48kV
AVE:1.47kV
C=100pF
R=1.5kΩ
C=200pF
R=0Ω
Ta=-25℃
Ta=125℃
Ta=75℃
Ta=25℃
Ta=-25℃
Ta=125℃
Ta=25℃
Ta=75℃



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com