Electronic Components Datasheet Search
  English  ▼

X  

RF2L6S Datasheet(PDF) 2 Page - Rohm

Part # RF2L6S
Description  Super Fast Recovery Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RF2L6S Datasheet(HTML) 2 Page - Rohm

  RF2L6S Datasheet HTML 1Page - Rohm RF2L6S Datasheet HTML 2Page - Rohm RF2L6S Datasheet HTML 3Page - Rohm RF2L6S Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Data Sheet
RF2L6S
 
Electrical characteristics curves
1
10
100
1000
1
10
100
8.3ms
Ifsm
1cyc
8.3ms
0
5
10
15
20
25
30
AVE:20.1ns
Tj=25℃
IF=0.5A
IR=1A
Irr=0.25*IR
n=10pcs
0.001
0.01
0.1
1
10
0
400
800
1200
1600
Tj=25℃
Tj=125℃
Tj=150℃
Tj=75℃
1
10
100
1000
Tj=25℃
VR=600V
n=20pcs
AVE:29.5ns
1
10
100
1000
10000
0
100
200
300
400
500
600
Tj=25℃
Tj=125℃
Tj=150℃
Tj=75℃
0
2
4
6
8
10
12
14
16
18
20
C=200pF
R=0Ω
C=100pF
R=1.5kΩ
AVE:3.46kV
AVE:5.14kV
10
100
1000
1
10
100
t
Ifsm
0
50
100
150
200
250
AVE:84.5A
1100
1150
1200
1250
1300
AVE:1209mV
1
10
100
1000
0
5
10
15
20
25
30
FORWARD VOLTAGE:VF(V)
VF-IF CHARACTERISTICS
REVERSE VOLTAGE:VR(V)
VR-IR CHARACTERISTICS
REVERSE VOLTAGE:VR(V)
VR-Ct CHARACTERISTICS
VF DISPERSION MAP
IR DISPERSION MAP
Ct DISPERSION MAP
IFSM DISPERSION MAP
NUMBER OF CYCLES
IFSM-CYCLE CHARACTERISTICS
TIME:t(ms)
IFSM-t CHARACTERISTICS
TIME:t(s)
Rth-t CHARACTERISTICS
trr DISPERSION MAP
f=1MHz
Ta=25℃
VR=200V
n=30pcs
ESD DISPERSION MAP
50
60
70
80
90
100
AVE:87.3pF
f=1MHz
VR=0V
8.3m
Ifsm
1cyc
Tj=25℃
IF=1.5A
n=20pcs
0.1
1
10
100
1000
0.001
0.01
0.1
1
10
100
1000
Rth(j-a)
Rth(j-l)
1m
IM=10m
IF=100mA
300u
time
Mounted on epoxy board
2/3
2011.05 - Rev.B



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com