Electronic Components Datasheet Search
  English  ▼

X  

BAV99DW Datasheet(PDF) 1 Page - Micro Commercial Components

Part # BAV99DW
Description  200mW 75Volt Plastic-Encapsulate Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BAV99DW Datasheet(HTML) 1 Page - Micro Commercial Components

  BAV99DW Datasheet HTML 1Page - Micro Commercial Components BAV99DW Datasheet HTML 2Page - Micro Commercial Components BAV99DW Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BAV99DW
200mW 75Volt
Plastic-Encapsulate
Diode
Features
•
Low Current Leakage
•
Low Cost
•
Small Outline Surface Mount Package
Maximum Ratings
•
Operating Temperature: -55
°C to +150°C
•
Storage Temperature: -55
°C to +150°C
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Reverse Voltage
VR
75V
Average Rectified
Output Current
IO
150mA
Maximum
Instantaneous
Forward Voltage
VF
855mV
IFM = 10mA;
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
Typical Junction
Capacitance
CJ
2.0pF
Measured at
1.0MHz, VR=0V
Reverse Recovery
Time
Trr
4nS
IF=IR=10mA
Irr = 0.1*IR
Rc=100
Ω
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
www.mccsemi.com
Revision:
A
20
11/01/01
1000mV
IFM = 50mA;
1250mV
IFM = 150mA;
715mV
IFM = 1mA;
TM
Micro Commercial Components
Power Dissipation
PTOT
200mW
2.5uA
VR=75V
0.025uA
VR=20V
SOT-363
J
M
A
C
B
G
H
K
D
L
DIMENSIONS
1 of 3
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.00
6
.01
4
0.1
5
0.3
5
B
.045
.053
1.15
1.35
C
.0
85
.0
96
2.
15
2.
45
D
.026
0.65Nominal
G
.0
47
.0
55
1.20
1.40
H
.071
.087
1.80
2.20
J
---
.004
---
0.10
K
.035
.0
43
0.90
1.
10
L
.010
.01
8
0.2
6
0.4
6
M
.00
3
.0
06
0.
08
0.
15
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
•
Lead Free Finish/Rohs Compliant ("P"Suffix designates
RoHS Compliant. See ordering information)
MAKING:KJG


Similar Part No. - BAV99DW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAV99DW DIODES-BAV99DW Datasheet
67Kb / 3P
QUAD SURFACE MOUNT SWITCHING DIODE ARRAY
DS30145 Rev. C-2
logo
Weitron Technology
BAV99DW WEITRON-BAV99DW Datasheet
277Kb / 3P
Surface Mount Switching Multi-Chip Diode Array
logo
Diodes Incorporated
BAV99DW DIODES-BAV99DW Datasheet
73Kb / 3P
QUAD SURFACE MOUNT SWITCHING DIODE ARRAY
DS30145 Rev. 9 - 2
logo
Guangdong Kexin Industr...
BAV99DW KEXIN-BAV99DW Datasheet
43Kb / 1P
Quad Surface Mount Switching Diode Array
logo
Diodes Incorporated
BAV99DW DIODES-BAV99DW Datasheet
85Kb / 3P
SURFACE MOUNT SWITCHING DIODE ARRAY
Rev. 13 - 2 January 2009
More results

Similar Description - BAV99DW

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BAV99WT MCC-BAV99WT Datasheet
377Kb / 3P
200mW 75Volt Plastic-Encapsulate Diode
BAV99BRW MCC-BAV99BRW Datasheet
242Kb / 3P
200mW 75Volt Plastic-Encapsulate Diode
BAV99WT MCC-BAV99WT_11 Datasheet
221Kb / 3P
200mW 75Volt Plastic-Encapsulate Diode
BAV99BRW MCC-BAV99BRW_13 Datasheet
281Kb / 3P
200mW 75Volt Plastic-Encapsulate Diode
BAV99DW MCC-BAV99DW_13 Datasheet
226Kb / 3P
200mW 75Volt Plastic-Encapsulate Diode
BAV99WT MCC-BAV99WT_13 Datasheet
255Kb / 3P
200mW 75Volt Plastic-Encapsulate Diode
BAV99DW-TP MCC-BAV99DW-TP Datasheet
226Kb / 3P
200mW 75Volt Plastic-Encapsulate Diode
BAV99BRW MCC-BAV99BRW_14 Datasheet
332Kb / 3P
200mW 75Volt Plastic-Encapsulate Diode
BAV99DW MCC-BAV99DW_15 Datasheet
385Kb / 3P
200mW 75Volt Plastic-Encapsulate Diode
BAV99WT_1309 MCC-BAV99WT_1309 Datasheet
232Kb / 3P
200mW 75Volt Plastic-Encapsulate Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com