Electronic Components Datasheet Search
  English  ▼

X  

RF2001T3D Datasheet(PDF) 1 Page - Rohm

Part # RF2001T3D
Description  Fast recovery diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RF2001T3D Datasheet(HTML) 1 Page - Rohm

  RF2001T3D Datasheet HTML 1Page - Rohm RF2001T3D Datasheet HTML 2Page - Rohm RF2001T3D Datasheet HTML 3Page - Rohm RF2001T3D Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data Sheet
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Fast recovery diodes
RF2001T3D
Applications
Dimensions (Unit : mm)
Structure
General rectification
Features
1) Cathode common type.
(TO-220)
2) Ultra Low VF
3) Very fast recovery
4) Low switching loss
Construction
Silicon epitaxial planar
Absoslute maximum ratings (Ta=25
C)
Symbol
Unit
VRM
V
VR
V
Io
A
IFSM
A
Tj
C
Tstg
C
Electrical characteristic (Ta=25
C)
Symbol
Min.
Typ.
Max.
Unit
VF
-
-
1.3
V
IF=10A
Reverse current
IR
--
10
μA
VR=300V
Reverse recovery time
trr
-
-
25
ns
IF=0.5A,IR=1A,Irr=0.25*IR
Storage temoerature
55 to 150
(*1)Business frequency, Rating of R-load, Tc=113
C  1/2 Io per diode
20
Forward current surge peak (60Hz/1cyc)
100
Junction temperature
150
Parameter
Conditions
Forward voltage
Parameter
Limits
Reverse voltage (repetitive peak)
300
Reverse voltage (DC)
300
Average rectified forward current (*1)
ROHM : TO220FN
①
Manufacture Date
1.2
1.3
0.8
(1) (2) (3)
10.0±0.3
    0.1
2.8±0.2
    0.1
4.5±0.3
    0.1
0.7±0.1
0.05
2.6±0.5
①
(1) (2) (3)
1/3
2011.05 - Rev.D


Similar Part No. - RF2001T3D

ManufacturerPart #DatasheetDescription
logo
Rohm
RF2001T3D ROHM-RF2001T3D Datasheet
195Kb / 4P
Fast recovery diode
RF2001T3D ROHM-RF2001T3D Datasheet
279Kb / 4P
Fast recovery diodes
RF2001T3D ROHM-RF2001T3D Datasheet
409Kb / 7P
Fast recovery diodes
RF2001T3DFH ROHM-RF2001T3DFH Datasheet
393Kb / 7P
Fast recovery diodes
RF2001T3DNZ ROHM-RF2001T3DNZ Datasheet
773Kb / 7P
Super Fast Recovery Diode
More results

Similar Description - RF2001T3D

ManufacturerPart #DatasheetDescription
logo
Sanken electric
CTU-34S SANKEN-CTU-34S Datasheet
324Kb / 5P
Fast Recovery Diodes
logo
Rohm
RF601B2D ROHM-RF601B2D Datasheet
178Kb / 4P
Fast recovery diodes
logo
International Rectifier
IRKL240 IRF-IRKL240_06 Datasheet
222Kb / 11P
FAST RECOVERY DIODES
logo
AEGIS SEMICONDUTORES LT...
A1C:15S.02.02 AEGIS-A1C:15S.02.02 Datasheet
998Kb / 4P
Fast Recovery Diodes
A1C:70S.02.02 AEGIS-A1C:70S.02.02 Datasheet
803Kb / 4P
Fast Recovery Diodes
A1C:70S.02.10 AEGIS-A1C:70S.02.10 Datasheet
990Kb / 4P
Fast Recovery Diodes
logo
Guangdong Kexin Industr...
RS1AFH KEXIN-RS1AFH Datasheet
1Mb / 4P
Fast Recovery diodes
logo
Nell Semiconductor Co.,...
40FDR NELLSEMI-40FDR Datasheet
617Kb / 6P
Fast Recovery Diodes
85FDR NELLSEMI-85FDR Datasheet
647Kb / 6P
Fast Recovery Diodes
logo
Shenzhen Luguang Electr...
ZK200A LUGUANG-ZK200A Datasheet
2Mb / 1P
FAST RECOVERY DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com