Electronic Components Datasheet Search
  English  ▼

X  

RN779F Datasheet(PDF) 1 Page - Rohm

Part # RN779F
Description  PIN diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RN779F Datasheet(HTML) 1 Page - Rohm

  RN779F Datasheet HTML 1Page - Rohm RN779F Datasheet HTML 2Page - Rohm RN779F Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
RN779F
Diodes
1/2
PIN diode
RN779F
Applications
External dimensions (Unit : mm)
Land size figure (Unit : mm)
For AGC, Switching.
Features
1) Small mold type. (UMD3)
2) High-frequency resistance witch is small
and low capacity.
Construction
Structure
UMD3
0.8MIN.
0.65
1.3
ROHM : UMD3
JEITA : SC-70
JEDEC : SOT-323
dot (year week factory)
2.0±0.2
0.3±0.1
各リードとも
同寸法
(3)
1.3±0.1
(0.65)
(0.65)
(2)
(1)
0.15±0.05
0.9±0.1
0.7±0.1
0~0.1
Each lead has same dimension
Silicon epitaxial planar
Taping dimensions (Unit : mm)
4.0±0.1
4.0±0.1
2.0±0.05
φ1.55±0.05
φ0.5±0.05
2.25±0.1
     0
1.25±0.1
0.3±0.1
Absolute maximum ratings (Ta=25
°C)
Symbol
Unit
VR
V
IF
mA
Tj
℃
Tstg
℃
Limits
50
50
Parameter
Reverse voltage (DC)
orward current (DC)
ion temperature
torage temperature
150
-55 to +150
F
Junct
S
Electrical characteristics (Ta=25
°C)
Symbol
Min.
Typ.
Max.
Unit
VF
--
1
V
IF=10mA
IR
--
0.1
µA
VR=50V
Ct
-
-
0.9
pF
VR=35V , f=1MHz
Rf
-
-
7
Ω
IF=10mA,f=100MHz
Conditions
Capacitance between terminals
gh frequency resistance
everse current
Parameter
ward voltage
R
Hi
For


Similar Part No. - RN779F

ManufacturerPart #DatasheetDescription
logo
Rohm
RN779F ROHM-RN779F Datasheet
611Kb / 1P
PIN Diodes for Attenuators
RN779F ROHM-RN779F Datasheet
1Mb / 8P
PIN Diode
RN779FFH ROHM-RN779FFH Datasheet
1Mb / 8P
PIN Diodes
RN779FFHT ROHM-RN779FFHT Datasheet
1Mb / 7P
PIN Diodes
RN779FT106 ROHM-RN779FT106 Datasheet
309Kb / 5P
PIN diode
More results

Similar Description - RN779F

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UM2300 MICROSEMI-UM2300 Datasheet
185Kb / 5P
PIN DIODE
UM6000 MICROSEMI-UM6000 Datasheet
221Kb / 4P
PIN DIODE
logo
AUK corp
SDP510D AUK-SDP510D Datasheet
46Kb / 3P
Pin Diode
SDP510WMU AUK-SDP510WMU Datasheet
44Kb / 3P
Pin Diode
SDP510WMUF AUK-SDP510WMUF Datasheet
45Kb / 3P
Pin Diode
logo
Rohm
RN142S ROHM-RN142S Datasheet
43Kb / 3P
PIN diode
logo
Torex Semiconductor
1106_XB15A402 TOREX-1106_XB15A402 Datasheet
103Kb / 2P
PIN DIODE
logo
Rohm
RN141S ROHM-RN141S Datasheet
325Kb / 3P
PIN diode
logo
AUK corp
SDP510WMU AUK-SDP510WMU_1 Datasheet
47Kb / 3P
Pin Diode
logo
Rohm
RN141STE61 ROHM-RN141STE61 Datasheet
400Kb / 3P
PIN diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com