Electronic Components Datasheet Search
  English  ▼

X  

RPI-124 Datasheet(PDF) 1 Page - Rohm

Part # RPI-124
Description  Photointerrupter, Ultraminiature type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RPI-124 Datasheet(HTML) 1 Page - Rohm

  RPI-124 Datasheet HTML 1Page - Rohm RPI-124 Datasheet HTML 2Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RPI-124
Photointerrupter, Ultraminiature type
Applications
Optical control equipment
Cameras
Floppy disk drives
Features
1) Ultra-small.
2) High-precision position detection
(slit width = 0.15mm).
3) Minimal influence from stray light.
4) Low collector-emitter saturation voltage.
Absolute maximum ratings (Ta
=25°C)
Electrical and optical characteristics (Ta
=25°C)
Electrical and optical characteristics curves
External dimensions (Unit : mm)
Notes:
1. Unspecified tolerance
shall be
±0.2 .
2. Dimension in parenthesis are
show for reference.
Anode
Cathode
Collector
Emitter
Cross-section A-A
Gap
Optical axis center
Through hole
A
A
Max.0.3
4 (bottom)
3.9
1
4-0.2
(3)
4-0.5
0.15
±0.1
4-0.4
(2)
4-
φ0.8
3
Fig.1 Relative output current vs.
distance ( )
DISTANCE : d (mm)
0
0
25
50
75
100
125
1
2
3
4
5
d
Fig.4 Relative output current vs.
distance ( )
DISTANCE : d (mm)
0
0
25
50
75
100
125
1
2
3
4
5
Fig.2 Forward current falloff
AMBIENT TEMPERATURE : Ta (
°C)
−20
0
40
60
80
20
100
0
20
10
30
40
50
Fig.10 Output characteristics
td
tr
tf
10%
90%
RL
VCC
td
:
t r
:
t f
:
Delay time
Rise time (time for output current to rise from
10% to 90% of peak current)
Fall time (time for output current to fall from 90%
to 10% of peak current)
Input
Input
Output
Output
COLLECTOR TO EMITTER VOLTAGE : VCE (V)
0
0.5
1
1.5
2
2.5
2
04
6
10
8
40mA
30mA
20mA
10mA
IF=50mA
Fig.11 Response time measurement circuit
Fig.8 Response time vs.
collector current
COLLECTOR CURRENT : Ic (mA)
10
1
0.1
0.05
10
100
1
RL=1k
Ω
RL=500
Ω
RL=100
Ω
Fig.9 Dark current vs.
ambient temperature
AMBIENT TEMPERATURE : Ta (
°C)
100
1000
100
10
1
0.1
75
50
25
0
−25
VCE
=30V
VCE
=20V
VCE
=10V
Fig.6 Relative output vs. ambient
temperature
AMBIENT TEMPERATURE : Ta (
°C)
−40 −20
0
20406080
100
0
20
40
60
80
100
120
160
140
Fig.7 Collector current vs.
forward current
FORWARD CURRENT : IF (mA)
010
20
30
40
50
0
1
2
3
4
5
VCE
=5V
0.4
0.2
0.6
1.0
0.8
1.2
1.4
1.8
1.6
0
20
40
10
30
50
FORWARD VOLTAGE : VF (
V)
Fig.3 Forward current vs. forward
voltage
0.4
0.2
0.6
1.0
0.8
1.2
1.4
1.8
1.6
0
20
40
10
30
50
75
°C
50
°C
25
°C
0
°C
−25°C
AMBIENT TEMPERATURE : Ta (
°C)
−25
0
20
40
60
80
100
0
25
50
75 85
100
Fig.5 Power dissipation / collector power
dissipation vs. ambient temperature
PD
PC
Parameter
Symbol
VF
IR
ICEO
λP
IC
VCE(sat)
tr tf
Min.
−
−
−
−
0.3
−
−
Typ.
1.3
−
−
800
−
−
10
Max.
1.6
10
0.5
−
1.5
0.3
−
Unit
VIF
=50mA
VR
=5V
VCE
=10V
−
VCE
=5V, IF=20mA
IF
=20mA, IC=0.15mA
VCC
=5V, IF=20mA, RL=100Ω
µA
µA
nm
mA
V
µs
Conditions
Forward voltage
Reverse current
Dark current
Peak sensitivity wavelength
Collector current
Collector-emitter saturation
voltage
Response time
Cut-off frequency
∗ Non-coherent Infrared light emitting diode used.
Peak light emitting wavelength
λP
fC
IF
=50mA
−
−
1
−
MHz
−
950
−
nm
Maximum sensitivity wavelength
λP
−
800
−
nm
∗ This product is not designed to be protected against electromagnetic wave.
VCC
=5V, IC=1mA, RL=100Ω
tr tf
Response time
−
10
−
µs
Parameter
Symbol
IC
VCEO
PD
VR
IF
PC
VECO
Topr
Tstg
Limits
−25 to +85
−30 to +100
50
5
80
30
4.5
30
80
Unit
mA
V
mW
V
V
mA
mW
°C
°C
Forward current
Reverse voltage
Power dissipation
Collector-emitter voltage
Emitter-collector voltage
Collector current
Collector power dissipation
Operating temperature
Storage temperature


Similar Part No. - RPI-124

ManufacturerPart #DatasheetDescription
logo
Rohm
RPI-124 ROHM-RPI-124 Datasheet
74Kb / 3P
Photo interrupter, double-layer mold type
RPI-124 ROHM-RPI-124 Datasheet
54Kb / 2P
Photointerrupter, Ultraminiature type
RPI-124A ROHM-RPI-124A Datasheet
54Kb / 2P
Photointerrupter, Ultraminiature type
RPI-124F ROHM-RPI-124F Datasheet
54Kb / 2P
Photointerrupter, Ultraminiature type
More results

Similar Description - RPI-124

ManufacturerPart #DatasheetDescription
logo
Rohm
RPI-125 ROHM-RPI-125 Datasheet
67Kb / 2P
Photointerrupter, Ultraminiature type
PRI-129B ROHM-PRI-129B Datasheet
96Kb / 3P
Photointerrupter, Ultraminiature DIP type
RPI-0128 ROHM-RPI-0128 Datasheet
82Kb / 3P
Photointerrupter, Ultraminiature SMD type
RPI-129B ROHM-RPI-129B Datasheet
96Kb / 3P
Photointerrupter, Ultraminiature DIP type
RPI-121 ROHM-RPI-121_05 Datasheet
75Kb / 2P
Photointerrupter, Ultraminiature type
RPI-122 ROHM-RPI-122_05 Datasheet
80Kb / 2P
Photointerrupter, Ultraminiature type
RPI-0226 ROHM-RPI-0226 Datasheet
68Kb / 2P
Photointerrupter, Ultraminiature SMD type
RPI-124A ROHM-RPI-124A Datasheet
54Kb / 2P
Photointerrupter, Ultraminiature type
RPI-124F ROHM-RPI-124F Datasheet
54Kb / 2P
Photointerrupter, Ultraminiature type
RP-SMA ROHM-RP-SMA Datasheet
54Kb / 2P
Photointerrupter, Ultraminiature type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com