Electronic Components Datasheet Search
  English  ▼

X  

RPI-352 Datasheet(PDF) 1 Page - Rohm

Part # RPI-352
Description  Photointerrupter, Small type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RPI-352 Datasheet(HTML) 1 Page - Rohm

  RPI-352 Datasheet HTML 1Page - Rohm RPI-352 Datasheet HTML 2Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RPI-352
Photointerrupter, Small type
Applications
Floppy disk drives
Printers
Facsimiles
VCR
Features
1) Positioning pin enables precision
mounting.
2) Gap between emitter and detector
is 3.0mm.
3) Compact
Absolute maximum ratings (Ta
=25°C)
Electrical and optical characteristics (Ta
=25°C)
Electrical and optical characteristics curves
External dimensions (Unit : mm)
Notes:
1. Unspecified tolerance
shall be
±0.2 .
2. Dimension in parenthesis are
show for reference.
Emitter
Collector
Anode
Cathode
Optical axis center
Gap
Cross-section A-A
A
A
φ1
+0
-0.1
+0
-0.1
+0
-0.1
2-R1
φ1
φ1.4
4-
φ0.8
5
C0.7
0.4
4-0.5
(2.5)
6.4
±0.2
3
±0.2
0.3
(5)
4-0.2
Through hole
Fig.1 Relative output current vs.
distance ( )
Fig.4 Relative output current vs.
distance ( )
DISTANCE : d (mm)
0
0.5
1.0
1.5
2.0
3.0
2.5
100
75
50
25
0
d
DISTANCE : d (mm)
0
0.5
1.0
1.5
2.0
3.0
2.5
100
75
50
25
0
Fig.2 Forward current falloff
AMBIENT TEMPERATURE : Ta (
°C)
−20
0
20
40
60
80
100
10
50
40
30
20
0
Fig.10 Output characteristics
COLLECTOR TO EMITTER VOLTAGE : VCE (V)
0
0.5
1
1.5
2
2.5
2
04
6
10
8
40mA
30mA
20mA
10mA
IF=50mA
Fig.11 Response time measurement circuit
td
:
t r
:
t f
:
Delay time
Rise time (time for output current to rise
from 10% to 90% of peak current)
Fall time (time for output current to fall
from 90% to 10% of peak current)
td
tr
tf
10%
90%
RL
VCC
Input
Input
Output
Output
Fig.8 Response time vs.
collector current
COLLECTOR CURRENT : Ic (mA)
0.1
1
10
100
1
10
100
1000
VCC
=5V
Ta
=25°C
RL
=1kΩ
RL
=500Ω
RL
=100Ω
Fig.9 Dark current vs.
ambient temperature
AMBIENT TEMPERATURE : Ta (
°C)
0
25
50
75
100
−25
0.1
1
10
100
1000
VCE
=10V
VCE
=20V
VCE
=30V
Fig.6 Relative output vs. ambient
temperature
AMBIENT TEMPERATURE : Ta (
°C)
−25
0
25
50
75
100
100
50
0
Fig.7 Collector current vs.
forward current
FORWARD CURRENT : IF (mA)
0
1020304050
0
0.4
0.8
1.2
1.6
2.0
VCE=5V
FORWARD VOLTAGE : VF (
V)
Fig.3 Forward current vs. forward
voltage
0
10
20
30
40
50
0.4
0
0.8
1.2
2.0
1.6
75
°C
50
°C
25
°C
0
°C
−25°C
AMBIENT TEMPERATURE : Ta (
°C)
Fig.5 Power dissipation / collector power
dissipation vs. ambient temperature
−20
0
20
40
60
80
100
20
80
PD
PC
100
120
60
40
0
Parameter
Symbol
VF
IR
ICEO
λP
IC
VCE(sat)
tr tf
Min.
−
−
−
−
0.2
−
−
Typ.
1.3
−
−
800
1.0
−
10
Max.
1.6
10
0.5
−
−
0.4
−
Unit
VIF
=50mA
VR
=5V
VCE
=10V
−
VCE
=5V, IF=20mA
IF
=20mA, IC=0.1mA
VCC
=5V, IF=20mA, RL=100Ω
µA
µA
nm
mA
V
µs
Conditions
Forward voltage
Reverse current
Dark current
Peak sensitivity wavelength
Collector current
Collector-emitter saturation
voltage
Response time
Cut-off frequency
∗ Non-coherent Infrared light emitting diode used.
Peak light emitting wavelength
λP
fC
IF
=50mA
−
−
1
−
MHz
−
950
−
nm
Maximum sensitivity wavelength
λP
−
800
−
nm
∗ This product is not designed to be protected against electromagnetic wave.
VCC
=5V, IC=1mA, RL=100Ω
tr tf
Response time
−
10
−
µs
Parameter
Symbol
IC
VCEO
PD
VR
IF
PC
VECO
Topr
Tstg
Limits
−25 to +85
−30 to +85
50
5
80
30
4.5
30
80
Unit
mA
V
mW
V
V
mA
mW
°C
°C
Forward current
Reverse voltage
Power dissipation
Collector-emitter voltage
Emitter-collector voltage
Collector current
Collector power dissipation
Operating temperature
Storage temperature


Similar Part No. - RPI-352

ManufacturerPart #DatasheetDescription
logo
Rohm
RPI-352 ROHM-RPI-352 Datasheet
77Kb / 3P
Photointerrupter, double-layer mold type
More results

Similar Description - RPI-352

ManufacturerPart #DatasheetDescription
logo
Rohm
RPI-1391 ROHM-RPI-1391 Datasheet
81Kb / 3P
Photointerrupter, encased type
logo
Kingbright Corporation
KRB031 KINGBRIGHT-KRB031 Datasheet
169Kb / 4P
PCB TYPE PHOTOINTERRUPTER
logo
Rohm
RPI-579 ROHM-RPI-579 Datasheet
66Kb / 2P
Photointerrupter, General type
RPI-131 ROHM-RPI-131_05 Datasheet
70Kb / 2P
Photointerrupter, Small type
RPI-246 ROHM-RPI-246_05 Datasheet
72Kb / 2P
Photointerrupter, Small type
RPI-579N1E ROHM-RPI-579N1E Datasheet
79Kb / 2P
Photointerrupter, General type
RPI-1133 ROHM-RPI-1133_05 Datasheet
73Kb / 2P
Photointerrupter, Small type
RPI-221 ROHM-RPI-221_05 Datasheet
73Kb / 2P
Photointerrupter, Small type
RPI-221A ROHM-RPI-221A Datasheet
49Kb / 2P
Photointerrupter, Small type
RP-SMA ROHM-RP-SMA Datasheet
54Kb / 2P
Photointerrupter, Ultraminiature type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com