Electronic Components Datasheet Search
  English  ▼

X  

RPM6937 Datasheet(PDF) 3 Page - Rohm

Part # RPM6937
Description  IR Receiver Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RPM6937 Datasheet(HTML) 3 Page - Rohm

  RPM6937 Datasheet HTML 1Page - Rohm RPM6937 Datasheet HTML 2Page - Rohm RPM6937 Datasheet HTML 3Page - Rohm RPM6937 Datasheet HTML 4Page - Rohm RPM6937 Datasheet HTML 5Page - Rohm RPM6937 Datasheet HTML 6Page - Rohm RPM6937 Datasheet HTML 7Page - Rohm RPM6937 Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
RPM6900 series
Photo Link Module
3/7
(2) Standard transmitter
Fig.2 Measurement of standard transmitter proofreading
Fig.3 Standard photo diode current
Standard transmitter
Lo=20cm
io
io
i
t
10k
Ω
io=5
µAp-p
λ peak=940nm
λ ∆=40nm
Standard photo-diode
RPM-301B
A
Signal scale
Carrier frequency fo
Brachy morphic wave duty50%
ON
600
µs 600µs
OFF
When standard transmitter output the signal at Fig.1 standard photodiode output become io=5
µAp-p (Fig.3) under the
measurement condition Fig.2.
(The radiant intensity of standard transmitter : 50mW / sr)
RPM-301B : standard photodiode has short current Isc=27
µA at E=1000(lx)
(using CIE standard light source A)
(3) Measurement effective distance, horizontal & vertical half angle
Fig.4 Measurement condition for effective distance
RPM6900 series
Light detector face
illuminance : Ee
Effective distance : L
(
θ ; Indicates horizontal and vertical directions)
θ
θ
Standard transmitter
Effective distance L
: Effective distance at
θ=0° Fig.4
Horizontal & vertical half angle
θ
: The angle which effective distance became 50% of L.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com