Electronic Components Datasheet Search
  English  ▼

X  

RPM6938 Datasheet(PDF) 6 Page - Rohm

Part # RPM6938
Description  IR Receiver Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RPM6938 Datasheet(HTML) 6 Page - Rohm

  RPM6938 Datasheet HTML 1Page - Rohm RPM6938 Datasheet HTML 2Page - Rohm RPM6938 Datasheet HTML 3Page - Rohm RPM6938 Datasheet HTML 4Page - Rohm RPM6938 Datasheet HTML 5Page - Rohm RPM6938 Datasheet HTML 6Page - Rohm RPM6938 Datasheet HTML 7Page - Rohm RPM6938 Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
RPM6900 series
Photo Link Module
6/7
Electrical and optical characteristics curves
Frequency : (kHz)
−4
−3
−2
−1fo
+1
+2
+3
+4
−10.00
−8.00
−6.00
−4.00
−2.00
0.00
Fig.7 BPF characteristic
Wave length :
λ (nm)
700
750
800
850
900
950
1000 1050 1100 1150 1200
0
20
40
60
80
100
120
Fig.8 Optical bandwidth of the
photo-diode encapsulation
−80
−60
−40
−20
0
20
40
60
80
0
20
40
60
80
100
Angle : (˚)
Fig.9 Direction characteristic
(Horizontal direction)
−80
−60
−40
−20
0
20
40
60
80
0
20
40
60
80
100
Angle : (˚)
Fig.10 Direction characteristic
(Vertical direction)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com