Electronic Components Datasheet Search
  English  ▼

X  

BAV99WT Datasheet(PDF) 1 Page - Micro Commercial Components

Part # BAV99WT
Description  200mW 75Volt Plastic-Encapsulate Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BAV99WT Datasheet(HTML) 1 Page - Micro Commercial Components

  BAV99WT Datasheet HTML 1Page - Micro Commercial Components BAV99WT Datasheet HTML 2Page - Micro Commercial Components BAV99WT Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BAV99WT
200mW 75Volt
Plastic-Encapsulate
Diode
Features
•
Low Current Leakage
•
Low Cost
•
Small Outline Surface Mount Package
•
Operating Temperature: -55
°C to +150°C
•
Storage Temperature: -55
°C to +150°C
Average Rectified
Output Current
IO
150mA
Power Dissipation
PTOT
200mW
Maximum
Instantaneous
Forward Voltage
VF
855mV
IFM = 10mA;
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
2.5
µA
VR=75Volts
TJ = 25
°C
Typical Junction
Capacitance
CJ
2.0pF
Measured at
1.0MHz, VR=0V
Reverse Recovery
Time
Trr
4nS
IF=10mA
VR = 0V
RL=100
Ω
*Pulse test: Pulse width 300
µsec, Duty cycle 2%
KJG
C/A
AC
Pin Configuration
Top View
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
www.mccsemi.com
Revision:
A
20
11/01/01
SOT-323
Suggested Solder
Pad Layout
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.071
.087
1.80
2.20
B
.045
.053
1.15
1.35
C
.079
.087
2.00
2.20
D
.026 Nominal
0.65Nominal
E
.047
.055
1.20
1.40
F
.012
.016
.30
.40
G
.000
.004
.000
.100
H
.035
.039
.90
1.00
J
.004
.010
.100
.250
K
.012
.016
.30
.40
A
C
B
D
E
F
G
H
J
1.90
0.70
0.90
0.65
0.65
DIMENSIONS
K
1000mV
IFM = 50mA;
1250mV
IFM = 150mA;
715mV
IFM = 1mA;
TM
Micro Commercial Components
1 of 3
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Reverse Voltage
VR
75V
Non-Repetitive Peak
Forward Surge Current
IFSM
@1us
2A
1A
@1s
•
Typical Thermal Resistance: 625 C/W Junction to Ambient
°
Maximum Ratings
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
•
Lead Free Finish/Rohs Compliant ("P"Suffix designates
RoHS Compliant. See ordering information)


Similar Part No. - BAV99WT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BAV99WT MCC-BAV99WT Datasheet
377Kb / 3P
200mW 75Volt Plastic-Encapsulate Diode
logo
First Silicon Co., Ltd
BAV99WT FS-BAV99WT Datasheet
733Kb / 3P
Dual Switching Diode
logo
RFE international
BAV99WT RFE-BAV99WT Datasheet
1Mb / 3P
Dual Switching Diodes
27-01-2022
logo
Motorola, Inc
BAV99WT1 MOTOROLA-BAV99WT1 Datasheet
128Kb / 6P
SC-70/SOT-323 Dual Series Switching Diode
logo
Leshan Radio Company
BAV99WT1 LRC-BAV99WT1 Datasheet
61Kb / 3P
Dual Serise Switching Diodes
More results

Similar Description - BAV99WT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BAV99WT MCC-BAV99WT Datasheet
377Kb / 3P
200mW 75Volt Plastic-Encapsulate Diode
BAV99BRW MCC-BAV99BRW Datasheet
242Kb / 3P
200mW 75Volt Plastic-Encapsulate Diode
BAV99DW MCC-BAV99DW Datasheet
197Kb / 3P
200mW 75Volt Plastic-Encapsulate Diode
BAV99BRW MCC-BAV99BRW_13 Datasheet
281Kb / 3P
200mW 75Volt Plastic-Encapsulate Diode
BAV99DW MCC-BAV99DW_13 Datasheet
226Kb / 3P
200mW 75Volt Plastic-Encapsulate Diode
BAV99WT MCC-BAV99WT_13 Datasheet
255Kb / 3P
200mW 75Volt Plastic-Encapsulate Diode
BAV99DW-TP MCC-BAV99DW-TP Datasheet
226Kb / 3P
200mW 75Volt Plastic-Encapsulate Diode
BAV99BRW MCC-BAV99BRW_14 Datasheet
332Kb / 3P
200mW 75Volt Plastic-Encapsulate Diode
BAV99DW MCC-BAV99DW_15 Datasheet
385Kb / 3P
200mW 75Volt Plastic-Encapsulate Diode
BAV99WT_1309 MCC-BAV99WT_1309 Datasheet
232Kb / 3P
200mW 75Volt Plastic-Encapsulate Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com