Electronic Components Datasheet Search
  English  ▼

X  

BAV170 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # BAV170
Description  250mW Low Leakage Diode 85 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BAV170 Datasheet(HTML) 1 Page - Micro Commercial Components

  BAV170 Datasheet HTML 1Page - Micro Commercial Components BAV170 Datasheet HTML 2Page - Micro Commercial Components BAV170 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BAV170
250mW
Low Leakage Diode
85 Volts
Features
Surface Mount Package Ideally Suited for Automatic Insertion
Very Low Leakage Current
Mechanical Data
Case: SOT-23
Weight: approx. 0.008 grams
Marking Code: JX
Maximum Ratings
Symbol
Parameter
Rating
Unit
VRRM
VRWM
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
85
V
VR(RMS)
RMS Reverse Voltage
60
V
Forward Continuous Current
Single diode loaded
Note1
215
IF
Double diode loaded
Note1
125
mA
IFRM
Repetitive Peak Forward Current
500
mA
IFSM
Non-Repetitive Peak Forward Surge Current
@ t=1.0us
@ t=1.0ms
@ t=1.0s
4.0
1.0
0.5
A
PD
Power Dissipation
250
mW
RJA
Thermal Resistance Junction to Ambient Air
500
K/W
TJ
Junction Temperature
150
OC
TSTG
Storage Temperature
-65 to +150
OC
Note 1: Device mounted on a FR4 printed circuit board
Electrical Characteristics @ 25
OC Unless Otherwise Specified
Symbol
Parameter
Min
Typ
Max
Units
V(BR)R
Reverse Breakdown Voltage
(IR=100uAdc)
85
---
---
V
VF
Forward Voltage
(1)
IF=1.0mAdc
IF=10mAdc
IF=50mAdc
IF=150mAdc
---
---
---
---
---
---
---
---
0.9
1.0
1.1
1.25
V
IR
Leakage Current
(VR=75Vdc)
---
---
5.0
nA
Cj
Junction Capacitance
(VR=0, f=1.0MHz)
---
2.0
---
pF
trr
Reverse Recovery Time
(IF=10mA, IR=10mA, Irr=0.1 x IR
RL=100OHMS)
---
---
3.0
us
*(1) Short duration pulse test to minimize self-heating effect.
SOT-23
Suggested Solder
Pad Layout
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.110
.120
2.80
3.04
B
.083
.098
2.10
2.64
C
.047
.055
1.20
1.40
D
.035
.041
.89
1.03
E
.070
.081
1.78
2.05
F
.018
.024
.45
.60
G
.0005
.0039
.013
.100
H
.035
.044
.89
1.12
J
.003
.007
.085
.180
K
.015
.020
.37
.51
A
B
C
D
E
F
G
H
J
.079
2.000
inches
mm
.031
.800
.035
.900
.037
.950
.037
.950
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
TM
Micro Commercial Components
Revision: A
2011/01/01
www.mccsemi.com
1 of 3
K
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
•
Lead Free Finish/Rohs Compliant ("P"Suffix designates
RoHS Compliant. See ordering information)


Similar Part No. - BAV170

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAV170 PHILIPS-BAV170 Datasheet
53Kb / 8P
Low-leakage double diode
1999 May 11
logo
Siemens Semiconductor G...
BAV170 SIEMENS-BAV170 Datasheet
98Kb / 4P
Silicon Low Leakage Diode Array (Low leakage applications Medium speed switching times Common cathode)
logo
Diodes Incorporated
BAV170 DIODES-BAV170 Datasheet
44Kb / 2P
Introducing Very Low Leakage SOT-23 Diodes:
DS30233 Rev. 9 - 2
logo
Infineon Technologies A...
BAV170 INFINEON-BAV170 Datasheet
454Kb / 4P
Silicon Low Leakage Diode Array
Mar-10-2004
logo
Diodes Incorporated
BAV170 DIODES-BAV170 Datasheet
349Kb / 3P
DUAL SURFACE MOUNT LOW LEAKAGE DIODE
DS30234 Rev. 8 - 2
More results

Similar Description - BAV170

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMDZ2L4 CENTRAL-CMDZ2L4 Datasheet
100Kb / 2P
SUPERmini. LOW LEVEL ZENER DIODE 250mW, 2.4 VOLTS THRU 36 VOLTS
CMDZ1L8 CENTRAL-CMDZ1L8 Datasheet
104Kb / 2P
SUPERmini LOW LEVEL ZENER DIODE 250mW, 1.8 VOLTS THRU 47 VOLTS
CPD64 CENTRAL-CPD64 Datasheet
209Kb / 2P
Low Leakage Diode Low Leakage Diode Chip
CPD71 CENTRAL-CPD71 Datasheet
213Kb / 2P
Low Leakage Diode Low Leakage Switching Diode Chip
CMOZ1L8 CENTRAL-CMOZ1L8_10 Datasheet
347Kb / 2P
SURFACE MOUNT LOW LEVEL SILICON ZENER DIODE 1.8 VOLTS THRU 47 VOLTS 250mW
CPD66X CENTRAL-CPD66X Datasheet
728Kb / 2P
Low Leakage Diode Low Leakage Diode Chip
logo
Micro Commercial Compon...
1SS387 MCC-1SS387 Datasheet
399Kb / 3P
85 Volts Switching Diode
1SS387 MCC-1SS387_13 Datasheet
423Kb / 3P
85 Volts Switching Diode
BAV170 MCC-BAV170_13 Datasheet
228Kb / 3P
250mW Low Leakage Diode 85 Volts
logo
NXP Semiconductors
BAS416 NXP-BAS416_13 Datasheet
121Kb / 8P
Low-leakage diode
2004 Jan 26
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com