Electronic Components Datasheet Search
  English  ▼

X  

BAV199DW Datasheet(PDF) 1 Page - Micro Commercial Components

Part # BAV199DW
Description  200mW 85Volt Plastic-Encapsulate Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BAV199DW Datasheet(HTML) 1 Page - Micro Commercial Components

  BAV199DW Datasheet HTML 1Page - Micro Commercial Components BAV199DW Datasheet HTML 2Page - Micro Commercial Components BAV199DW Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BAV199DW
200mW 85Volt
Plastic-Encapsulate
Diode
Features
•
Low Leakage Leakage Current
•
Surface Mount Package ideally Suited for
Automatic Insertion
•
Operating Temperature: -65
°C to +150°C
•
Storage Temperature: -65
°C to +150°C
Forward continuous
Current
IFM
160mA
Maximum
Instantaneous
Forward Voltage
VF
1.0V
IFM = 10mA;
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
Typical Junction
Capacitance
CJ
2.0pF
Measured at
1.0MHz, VR=0V
Reverse Recovery
Time
Trr
3uS
IF=IR=10mA
Irr = 0.1*IR
Rc=100
Ω
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%   !"#
MCC
www.mccsemi.com
Revision: A
2011/01/01
1.1V
IFM = 50mA;
1.25V
IFM = 150mA;
0.9V
IFM = 1mA;
TM
Micro Commercial Components
Power Dissipation
PD
200mW
5nA
VR=75V
SOT-363
J
M
A
C
B
G
H
K
D
L
DIMENSIONS
1 of 3
Maximum Ratings
Electrical Characteristics @ 25°C Unless Otherwise Specified
Reverse Voltage
VR
85V
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.00
6
.01
4
0.1
5
0.3
5
B
.045
.053
1.15
1.35
C
.0
85
.0
96
2.
15
2.
45
D
.026
0.65Nominal
G
.0
47
.0
55
1.20
1.40
H
.071
.087
1.80
2.20
J
---
.004
---
0.10
K
.035
.0
43
0.90
1.
10
L
.010
.01
8
0.2
6
0.4
6
M
.00
3
.0
06
0.
08
0.
15
•
Lead Free Finish/Rohs Compliant ("P"Suffix designates
RoHS Compliant. See ordering information)
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
•
MAKING:K52


Similar Part No. - BAV199DW

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
BAV199DW JIANGSU-BAV199DW Datasheet
88Kb / 2P
Multi-Chip DIODES
logo
Diodes Incorporated
BAV199DW DIODES-BAV199DW Datasheet
63Kb / 2P
QUAD SURFACE MOUNT LOW LEAKAGE DIODE
DS30417 Rev. 1 - 2
BAV199DW DIODES-BAV199DW Datasheet
74Kb / 3P
QUAD SURFACE MOUNT LOW LEAKAGE DIODE
DS30417 Rev. 5 - 2
logo
Guangdong Kexin Industr...
BAV199DW KEXIN-BAV199DW Datasheet
43Kb / 1P
Quad Surface Mount Low Leakage Diode
logo
Diodes Incorporated
BAV199DW DIODES-BAV199DW Datasheet
93Kb / 4P
QUAD SURFACE MOUNT LOW LEAKAGE DIODE
DS30417 Rev. 9 - 2
More results

Similar Description - BAV199DW

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BAS40WT MCC-BAS40WT_11 Datasheet
180Kb / 3P
200mW 40Volt Plastic-Encapsulate Diode
BAV99DW MCC-BAV99DW Datasheet
197Kb / 3P
200mW 75Volt Plastic-Encapsulate Diode
DAN217U MCC-DAN217U Datasheet
215Kb / 3P
200mW 80Volt Plastic-Encapsulate Diode
BAV99BRW MCC-BAV99BRW_13 Datasheet
281Kb / 3P
200mW 75Volt Plastic-Encapsulate Diode
BAV99WT MCC-BAV99WT_13 Datasheet
255Kb / 3P
200mW 75Volt Plastic-Encapsulate Diode
BAV199DW MCC-BAV199DW_13 Datasheet
583Kb / 3P
200mW 85Volt Plastic-Encapsulate Diode
BAV99DW-TP MCC-BAV99DW-TP Datasheet
226Kb / 3P
200mW 75Volt Plastic-Encapsulate Diode
DAN217 MCC-DAN217_13 Datasheet
415Kb / 3P
200mW 80Volt Plastic-Encapsulate Diode
DAN217U MCC-DAN217U_13 Datasheet
334Kb / 3P
200mW 80Volt Plastic-Encapsulate Diode
BAS40WT MCC-BAS40WT_13 Datasheet
258Kb / 3P
200mW 40Volt Plastic-Encapsulate Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com