Electronic Components Datasheet Search
  English  ▼

X  

BAV301 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # BAV301
Description  Switching Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BAV301 Datasheet(HTML) 1 Page - Micro Commercial Components

  BAV301 Datasheet HTML 1Page - Micro Commercial Components BAV301 Datasheet HTML 2Page - Micro Commercial Components BAV301 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BAV300
THRU
BAV303
Switching Diodes
Features
•
Saving Space
•
Silicon Epitaxial Planar Diodes
•
Hermetic Sealed Parts
•
Fits onto SOD-323/SOT-23 footprints
•
Electrical data identical with the devices BAV100…BAV103
Maximum Ratings
Continuous Reverse
Voltage
BAV300
BAV301
BAV302
BAV303
VR
50V
100V
150V
200V
TA=25
℃
Repetitive Peak Reverse
Voltage
BAV300
BAV301
BAV302
BAV303
VRRM
60V
120V
200V
250V
TA=25
℃
Forward DC Current
IF
250mA
TA=25
℃
Repetitive Peak Forward
Current
IFRM
625mA
f=50Hz, TA=25
℃
Surge Forward Current
IFSM
1.0A
TP=1s, Tj=25
℃
Thermal Resistance
Junction to Ambient
RthJA
500K/W
Note 2
Junction temperature
Tj
175
℃
Storage temperature Range
Tstg
-65 to + 175
℃
Electrical Characteristics @ 25°C Unless Otherwise Specified
Maximum Forward Voltage
VF
1.00V
IF = 100mA ,TA=25
℃
Maximum Leakage current
BAV300
BAV300
BAV301
BAV301
BAV302
BAV302
BAV303
BAV303
IR
100nA
15
μA
100nA
15
μA
100nA
15
μA
100nA
15
μA
VR=50V
VR=50V, Tj=100
℃
VR=100V
VR=100V, Tj=100
℃
VR=150V
VR=150V, Tj=100
℃
VR=200V
VR=200V, Tj=100
℃
Maximum Leakage current
BAV300
BAV301
BAV302
BAV303
V(BR)
60V
120V
200V
250V
IR=100
μA, tP/T=0.01,
tP=0.3ms
Diode Capacitance
CD
1.5pF
VR=0V, f=1.0MHz
Maximum Reverse recovery
time
trr
50ns
IF=10mA, IR=30mA
Irr=3.0mA, RL=100
Ω
Differential Forward
Resistance
rF
5.0
Ω
IF=10mA
Revision: A
2011/01/01
MICROMELF
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.071
.079
1.8
2.0
B
.004
.008
.10
.20
C
.047
.051
1.20
1.30
∅
A
B
C
Cathode Mark
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%   !"#
MCC
0.030”
0.039
0.055”
SUGGESTED SOLDER
PAD LAYOUT
TM
Micro Commercial Components
www.mccsemi.com
1 of 3
•
Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates
RoHS Compliant. See ordering information)
Notes:1.
Lead in Glass Exemption Applied, see EU Directive Annex 5.
2.mounted on epoxy-glass hard tissue, Fig.4 35
μm copper clad, 0.9 mm
2
copper area per electrode
•
Moisture Sensitivity Level 1


Similar Part No. - BAV301

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BAV301 VISHAY-BAV301 Datasheet
61Kb / 5P
Silicon Epitaxial Planar Diodes
01-Aug-12
logo
Transys Electronics
BAV301 TRSYS-BAV301 Datasheet
138Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Pan Jit International I...
BAV301 PANJIT-BAV301 Datasheet
60Kb / 2P
HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODES
logo
Vishay Siliconix
BAV301 VISHAY-BAV301 Datasheet
135Kb / 6P
Small Signal Switching Diodes, High Voltage
07-Mar-06
logo
Pan Jit International I...
BAV301 PANJIT-BAV301 Datasheet
85Kb / 3P
HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODES
More results

Similar Description - BAV301

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA193 PANASONIC-MA193 Datasheet
99Kb / 4P
Switching Diodes
logo
Pan Jit International I...
1N4148 PANJIT-1N4148_10 Datasheet
75Kb / 2P
SWITCHING DIODES
BAV19 PANJIT-BAV19 Datasheet
70Kb / 2P
SWITCHING DIODES
LS914 PANJIT-LS914 Datasheet
92Kb / 3P
SWITCHING DIODES
logo
Shenzhen Jin Yu Semicon...
BAT54W HTSEMI-BAT54W Datasheet
328Kb / 2P
SWITCHING Diodes
logo
Rugao Dachang Electroni...
LL4148 DACHANG-LL4148 Datasheet
124Kb / 2P
Switching Diodes
logo
Shenzhen Luguang Electr...
1SS184 LUGUANG-1SS184 Datasheet
238Kb / 2P
Switching Diodes
1SS226 LUGUANG-1SS226 Datasheet
250Kb / 2P
Switching Diodes
logo
WILLAS ELECTRONIC CORP
1SS400 WILLAS-1SS400 Datasheet
514Kb / 2P
SWITCHING Diodes
logo
AiT Semiconductor Inc.
DAN202U AITSEMI-DAN202U Datasheet
459Kb / 6P
SWITCHING DIODES DUAL SWITCHING DIODES
REV1.1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com