Electronic Components Datasheet Search
  English  ▼

X  

BAW156 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # BAW156
Description  250mW 75Volts Dual Switching Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BAW156 Datasheet(HTML) 1 Page - Micro Commercial Components

  BAW156 Datasheet HTML 1Page - Micro Commercial Components BAW156 Datasheet HTML 2Page - Micro Commercial Components BAW156 Datasheet HTML 3Page - Micro Commercial Components BAW156 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BAW156
250mW 75Volt s
Dual Switching Diode
SOT-23
Suggested Solder
Pad Layout
Features
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.110
.120
2.80
3.04
B
.083
.098
2.10
2.64
C
.047
.055
1.20
1.40
D
.035
.041
.89
1.03
E
.070
.081
1.78
2.05
F
.018
.024
.45
.60
G
.0005
.0039
.013
.100
H
.035
.044
.89
1.12
J
.003
.007
.085
.180
K
.015
.020
.37
.51
Maximum Ratings
A
B
C
D
E
F
G
H
J
.079
2.000
inches
mm
.031
.800
.035
.900
.037
.950
.037
.950
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
www.mccsemi.com
Revision:
A
20
11/01/01
TM
Micro Commercial Components
Reverse Voltage
VR
75V
Peak Forward Current
IFM
160mA
Power Dissipation
Pd
250mW
Maximum
Instantaneous Forward
Voltage
VF
900mV
1000mV
1100mV
1250mV
IFM = 1mA;
IFM = 10mA
IFM = 50mA
IFM = 150mA
Maximum DC Reverse
Current At Rated DC
Blocking Voltage
IR
5nA
VR=75V
Diode Capacitance
CD
3pF
Measured at
1.0MHz, VR=0V
Reverse Recovery Time
trr
3
uS
IF=IR=10mA
RL=100
•
Opearting Temperature Range:
•
Storage Temperature Range: -65
°C to +150°C
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Pin Configuration
Top View
Marking:
JZ
-6
1 of 4
•
Low leakage current: typ. 3pA
RoHS Compliant. See ordering information)
•
Lead Free Finish/Rohs Compliant ("P"Suffix designates
•
Switching time: typ. 0.8s
•
Continuous reverse voltage:max.75V
•
Repetitive peak reverse voltage:max.85V
•
Repetitive peak forward current: max. 500mA.
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1


Similar Part No. - BAW156

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAW156 PHILIPS-BAW156 Datasheet
69Kb / 8P
Low-leakage double diode
1999 May 11
logo
Siemens Semiconductor G...
BAW156 SIEMENS-BAW156 Datasheet
98Kb / 4P
Silicon Low Leakage Diode Array (Low-leakage applications Medium speed switching times Common anode)
logo
Diodes Incorporated
BAW156 DIODES-BAW156 Datasheet
44Kb / 2P
Introducing Very Low Leakage SOT-23 Diodes:
DS30233 Rev. 9 - 2
logo
Infineon Technologies A...
BAW156 INFINEON-BAW156 Datasheet
445Kb / 4P
Silicon Low Leakage Diode
Mar-10-2004
logo
Diodes Incorporated
BAW156 DIODES-BAW156 Datasheet
351Kb / 3P
DUAL SURFACE MOUNT LOW LEAKAGE DIODE
DS30231 Rev. 8 - 2
More results

Similar Description - BAW156

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BAV170 MCC-BAV170 Datasheet
183Kb / 3P
250mW Low Leakage Diode 85 Volts
logo
Taiwan Semiconductor Co...
BAV99S TSC-BAV99S Datasheet
210Kb / 3P
250mW High Speed Switching Array
logo
Micro Commercial Compon...
MMBD2004S MCC-MMBD2004S Datasheet
274Kb / 3P
250mW 300Volt Dual Series Switching Diode
BAW156 MCC-BAW156_13 Datasheet
256Kb / 4P
250mW 75Volt s Dual Switching Diode
logo
Taiwan Semiconductor Co...
BAV99S TSC-BAV99S_15 Datasheet
221Kb / 4P
250mW High Speed Switching Array
logo
Micro Commercial Compon...
MMBD2004S MCC-MMBD2004S_13 Datasheet
307Kb / 3P
250mW 300Volt Dual Series Switching Diode
MMBD2004SWT MCC-MMBD2004SWT Datasheet
332Kb / 3P
250mW 300Volt Dual Series Switching Diode
logo
TT Electronics.
1N4109D2A TTELEC-1N4109D2A Datasheet
204Kb / 3P
250mW SILICON ZENER DIODE
logo
Rectron Semiconductor
BAS316WSV RECTRON-BAS316WSV Datasheet
263Kb / 3P
250mW SOD-323 Fast Switching Diode
logo
AiT Semiconductor Inc.
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com