Electronic Components Datasheet Search
  English  ▼

X  

LH5164AV Datasheet(PDF) 2 Page - Sharp Corporation

Part # LH5164AV
Description  CMOS 64K (8K x 8) Static RAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH5164AV Datasheet(HTML) 2 Page - Sharp Corporation

  LH5164AV Datasheet HTML 1Page - Sharp Corporation LH5164AV Datasheet HTML 2Page - Sharp Corporation LH5164AV Datasheet HTML 3Page - Sharp Corporation LH5164AV Datasheet HTML 4Page - Sharp Corporation LH5164AV Datasheet HTML 5Page - Sharp Corporation LH5164AV Datasheet HTML 6Page - Sharp Corporation LH5164AV Datasheet HTML 7Page - Sharp Corporation LH5164AV Datasheet HTML 8Page - Sharp Corporation LH5164AV Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
I/O8
A5
A4
A3
11
15
18
5164AV-3
MEMORY
ARRAY
(256 x 256)
13
17
12
16
A6
WE
A7
A12
27
A8
COLUMN I/O
CIRCUITS
COLUMN SELECT
VCC
GND
OE
I/O7
I/O6
I/O5
I/O4
I/O3
I/O2
I/O1
22
19
8
A2
A1
A0
A11
23
9
10
28
14
A9
CE1 20
26
CE2
INPUT
DATA
CONTROL
A10
21
ROW
SELECT
5
6
7
4
3
2
25
24
NOTE: Pin numbers apply to the 28-pin SOP.
Figure 3. LH5164AV Block Diagram
PIN DESCRIPTION
SIGNAL
PIN NAME
A0 - A12
Address inputs
CE1/CE2
Chip Enable input
WE
Write Enable input
OE
Output Enable input
SIGNAL
PIN NAME
I/O1 - I/O8
Data inputs and outputs
VCC
Power supply
GND
Ground
NC
No connection
LH5164AV
CMOS 64K (8K
× 8) Static RAM
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com