Electronic Components Datasheet Search
  English  ▼

X  

OA92 Datasheet(PDF) 1 Page - ORION FANS

Part # OA92
Description  AC Fan - 115V, 230V, Dual Voltage 92 x 25mm(3.62??x 1.0??
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORIONFANS [ORION FANS]
Direct Link  http://www.orionfans.com/index.html
Logo ORIONFANS - ORION FANS

OA92 Datasheet(HTML) 1 Page - ORION FANS

  OA92 Datasheet HTML 1Page - ORION FANS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RoHSCompliant
7
Orion Fans
Information and data is subject to
change without prior notification.
Knight Electronics, Inc.
10557 Metric Drive
Dallas, Texas 75243
214-340-0265
OA92 Series
Frame
DiecastAluminum
Operating Temperature
Ball Bearing
-20C ~ +80C
Sleeve Bearing
-10C ~ +50C
Life Expectancy
Ball Bearing
60,000 hours (L10 at 40C)
Sleeve Bearing
30,000 hours (L10 at 40C)
Dual Voltage
Connection via 4x leads.
Fans can be configured for
115V or 230V operation.
Impeller
PBT, UL94V-O plastic
Connection
2x Lead Wires 22AWG
(~300mm) or terminals
Motor
Shaded pole, impedance
protected
Bearing System
Dual ball or Sleeve
Insulation Resistance >100M ohm between lead-
wire and frame (500VDC)
Dielectric Strength
1 min at 1500 VAC, 50/60Hz
Model Number
Speed (RPM) Airflow (CFM) Noise (dB) Volts AC
Voltage
Range
Watts
Max. Static
Pressure (“H2O)
OA92AP-11-1*
3000
35
30
115
80~130
13
.20
OA92AP-11-2*
2300
27
22
115
80~130
10
.14
OA92AP-11-3*
1900
22
19
115
80~130
6
.09
OA92AP-22-1*
3000
35
30
230
160~260
13
.20
OA92AP-22-2*
2300
27
22
230
160~260
10
.14
OA92AP-22-3*
1900
22
19
230
160~260
6
.09
OA92AP-11/22-1W**
3000
35
30
115/230
80~260
13
.20
OA92AP-11/22-2W**
2300
27
22
115/230
80~260
10
.14
OA92AP-11/22-3W**
1900
22
19
115/230
80~260
6
.09
* Indicate “TB” (Terminal Ball Bearing), “WB” (12” Wire Leads, Ball Bearing), “TS” (Terminal, Sleeve Bearing), “WS” (12” Wire Leads, Sleeve Bearing)
** Indicate “B” (Ball Bearing) or “S” (Sleeve Bearing)
AC Fan - 115V, 230V, Dual Voltage
92 x 25mm(3.62” x 1.0”)
m0
(1.00")
(3.62")
(3.25")
4.2 (.166") DIA.
HOLE THRU
TYP. 8 PLACES
26.00.5
92.00.5
82.50.5
TIO
N
77282 2009_fan_cat sec 1:Layout 1
8/3/09
8:57 AM
Page 7


Similar Part No. - OA92

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OA9232EC ORIONFANS-OA9232EC Datasheet
5Mb / 8P
AC & EC FANS
OA92AP ORIONFANS-OA92AP Datasheet
5Mb / 8P
AC & EC FANS
OA92AP-11-1 ORIONFANS-OA92AP-11-1 Datasheet
385Kb / 1P
AC Fan - 115V, 230V 92 x 25mm (3.62??x 1.0??
OA92AP-11-2 ORIONFANS-OA92AP-11-2 Datasheet
385Kb / 1P
AC Fan - 115V, 230V 92 x 25mm (3.62??x 1.0??
OA92AP-11-3 ORIONFANS-OA92AP-11-3 Datasheet
385Kb / 1P
AC Fan - 115V, 230V 92 x 25mm (3.62??x 1.0??
More results

Similar Description - OA92

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OA80 ORIONFANS-OA80 Datasheet
111Kb / 1P
AC Fan - 115V, 230V, Dual Voltage 80 x 38mm(3.15??x 1.5??
OA119 ORIONFANS-OA119 Datasheet
96Kb / 1P
AC Fan - 115V, 230V 127 x 38mm (5.0??x 1.5??
OA125 ORIONFANS-OA125 Datasheet
95Kb / 1P
AC Fan - 115V, 230V, Dual Voltage 120 x 25mm (4.7??x 1.0??
OA938 ORIONFANS-OA938 Datasheet
95Kb / 1P
AC Fan - 115V, 230V, Dual Voltage 92 x 38mm(3.62??x 1.5??
OA80-METAL ORIONFANS-OA80-METAL Datasheet
261Kb / 1P
AC Fan - 115V, 230V 80 x 38mm (3.15??x 1.5??
OA92 ORIONFANS-OA92_16 Datasheet
385Kb / 1P
AC Fan - 115V, 230V 92 x 25mm (3.62??x 1.0??
OA125 ORIONFANS-OA125_16 Datasheet
3Mb / 1P
AC Fan - 115V, 230V 120 x 25mm (4.7??x 1.0??
OA825 ORIONFANS-OA825_16 Datasheet
397Kb / 1P
AC Fan - 115V, 230V 80 x 25mm (3.15??x 1.0??
OA938 ORIONFANS-OA938_16 Datasheet
431Kb / 1P
AC Fan - 115V, 230V 92 x 38mm(3.62??x 1.5??
OA938-METAL ORIONFANS-OA938-METAL Datasheet
289Kb / 1P
AC Fan - 115V, 230V 92 x 38mm(3.62??x 1.5??
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com