Electronic Components Datasheet Search
  English  ▼

X  

OA119 Datasheet(PDF) 1 Page - ORION FANS

Part # OA119
Description  AC Fan - 115V, 230V 127 x 38mm (5.0??x 1.5??
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORIONFANS [ORION FANS]
Direct Link  http://www.orionfans.com/index.html
Logo ORIONFANS - ORION FANS

OA119 Datasheet(HTML) 1 Page - ORION FANS

  OA119 Datasheet HTML 1Page - ORION FANS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RoHSCompliant
14
Orion Fans
Information and data is subject to
change without prior notification.
Knight Electronics, Inc.
10557 Metric Drive
Dallas, Texas 75243
214-340-0265
OA119 Series
Frame
DiecastAluminum
Operating Temperature
Ball Bearing
-20C ~ +80C
Sleeve Bearing
-10C ~ +50C
Life Expectancy
Ball Bearing
60,000 hours (L10 at 40C)
Sleeve Bearing
30,000 hours (L10 at 40C)
Dual Voltage
Connection via 4x leads.
Fans can be configured for
115V or 230V operation.
Impeller
PBT, UL94V-O plastic
Connection
2x Lead Wires 22AWG or
terminals
Motor
Shaded pole, impedance
protected
Tachometer available
(5VTTL), input 5 ~24V
Bearing System
Dual ball or Sleeve
Insulation Resistance >100M ohm between lead-
wire and frame (500VDC)
Dielectric Strength
1 min at 1500 VAC, 50/60Hz
(1.52")
(4.13")
(5.00")
(4.46")
4.5 (.177") DIA.
HOLE THRU
TYP. 8 PLACES
#8-32 THREADED
GROUND HOLE
M4x0.7
THREADED GROUND HOLE
4.5 (.177") DIA.
HOLE THRU
TYP. 6 PLACES
38.5
±0.5
127.0
±0.5
104.8
±0.3
113.3
±0.5
TIO
N
* Indicate “TB” (Terminal Ball Bearing), “WB” (12” Wire Leads, Ball Bearing), “TS” (Terminal, Sleeve Bearing), “WS” (12” Wire Leads, Sleeve Bearing)
AC Fan - 115V, 230V
127 x 38mm (5.0” x 1.5”)
Model Number
Speed (RPM) Airflow (CFM) Noise (dB) Volts AC
Voltage
Range
Watts
Max. Static
Pressure (“H2O)
OA119AP-11-1*
3000
130
46
115
80~130
14
.24
OA119AP-11-2*
2300
95
37
115
80~130
10
.15
OA119AP-11-3*
1400
74
28
115
80~130
7
.10
OA119AP-22-1*
3000
130
46
230
160~260
14
.24
OA119AP-22-2*
2300
95
37
230
160~260
10
.15
OA119AP-22-3*
1400
74
28
230
160~260
7
.10
m0
77282 2009_fan_cat sec 1:Layout 1
8/3/09
8:58 AM
Page 14


Similar Part No. - OA119

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OA119-METAL ORIONFANS-OA119-METAL Datasheet
266Kb / 1P
AC Fan - 115V, 230V 127 x 38mm (5.0??x 1.5??
OA119AP ORIONFANS-OA119AP Datasheet
5Mb / 8P
AC & EC FANS
OA119AP-11-1 ORIONFANS-OA119AP-11-1 Datasheet
113Kb / 1P
AC Fan - 115V, 230V 127 x 38mm (5.0??x 1.5??
OA119AP-11-11855 ORIONFANS-OA119AP-11-11855 Datasheet
266Kb / 1P
AC Fan - 115V, 230V 127 x 38mm (5.0??x 1.5??
OA119AP-11-2 ORIONFANS-OA119AP-11-2 Datasheet
113Kb / 1P
AC Fan - 115V, 230V 127 x 38mm (5.0??x 1.5??
More results

Similar Description - OA119

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OA80 ORIONFANS-OA80 Datasheet
111Kb / 1P
AC Fan - 115V, 230V, Dual Voltage 80 x 38mm(3.15??x 1.5??
OA938 ORIONFANS-OA938 Datasheet
95Kb / 1P
AC Fan - 115V, 230V, Dual Voltage 92 x 38mm(3.62??x 1.5??
OA80 ORIONFANS-OA80_16 Datasheet
212Kb / 1P
AC Fan - 115V, 230V 80 x 38mm (3.15??x 1.5??
OA80-METAL ORIONFANS-OA80-METAL Datasheet
261Kb / 1P
AC Fan - 115V, 230V 80 x 38mm (3.15??x 1.5??
OA109AP-IP55 ORIONFANS-OA109AP-IP55 Datasheet
114Kb / 1P
AC Fan - 115V,230V 120 x 38mm (4.7?쓝1.5??
OA119 ORIONFANS-OA119_16 Datasheet
113Kb / 1P
AC Fan - 115V, 230V 127 x 38mm (5.0??x 1.5??
OA119-METAL ORIONFANS-OA119-METAL Datasheet
266Kb / 1P
AC Fan - 115V, 230V 127 x 38mm (5.0??x 1.5??
OA938 ORIONFANS-OA938_16 Datasheet
431Kb / 1P
AC Fan - 115V, 230V 92 x 38mm(3.62??x 1.5??
OA938-METAL ORIONFANS-OA938-METAL Datasheet
289Kb / 1P
AC Fan - 115V, 230V 92 x 38mm(3.62??x 1.5??
OA1238AP ORIONFANS-OA1238AP Datasheet
442Kb / 1P
AC Fan - 115V, 230V 120 x 38mm (4.7??x 1.5??
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com