Electronic Components Datasheet Search
  English  ▼

X  

OA162 Datasheet(PDF) 1 Page - ORION FANS

Part # OA162
Description  172 x 55mm (6.7??x 2.2??
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORIONFANS [ORION FANS]
Direct Link  http://www.orionfans.com/index.html
Logo ORIONFANS - ORION FANS

OA162 Datasheet(HTML) 1 Page - ORION FANS

  OA162 Datasheet HTML 1Page - ORION FANS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RoHSCompliant
19
Orion Fans
Information and data is subject to
change without prior notification.
Knight Electronics, Inc.
10557 Metric Drive
Dallas, Texas 75243
214-340-0265
OA162 Series
172 x 55mm
(6.7” x 2.2”)
Frame & Impeller
DiecastAluminum
Operating Temperature
Ball Bearing
-40C ~ +70C
Life Expectancy
Ball Bearing
60,000 hours (L10 at 40C)
Connection
Terminals or Lead Wires
Motor
Shaded Pole, thermally
protected
Bearing System
Dual ball (Sleeve available)
Insulation Resistance >100M ohm between lead-
wire and frame (500VDC)
Dielectric Strength
1 min at 1500 VAC, 50/60Hz
Part Number
OA162-5E-115 * B
OA162-5E-230 * B
Nominal Voltage
120 VAC
230 VAC
Voltage Range
80 ~ 130 VAC
160 ~ 260 VAC
Rated Power
31 W (60Hz)
31 W (60Hz)
Rated Speed (RPM)
3400
3400
Airflow (CFM)
241
241
Noise Level (dB)
66
66
Max. Static Pressure
0.73” H2O
0.73” H2O
* Indicate “T” for Terminal or “W” for Wire leads
m2
77282 2009_fan_cat sec 1:Layout 1
8/3/09
8:58 AM
Page 19


Similar Part No. - OA162

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OA162 ORIONFANS-OA162 Datasheet
5Mb / 8P
AC & EC FANS
OA162-5E-115 ORIONFANS-OA162-5E-115 Datasheet
101Kb / 1P
AC Fan
OA162-5E-115B ORIONFANS-OA162-5E-115B Datasheet
383Kb / 1P
AC Fan - 115V, 230V 172 x 55mm (6.7??x 2.2??
OA162-5E-230 ORIONFANS-OA162-5E-230 Datasheet
101Kb / 1P
AC Fan
OA162-5E-230B ORIONFANS-OA162-5E-230B Datasheet
383Kb / 1P
AC Fan - 115V, 230V 172 x 55mm (6.7??x 2.2??
More results

Similar Description - OA162

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OA172S ORIONFANS-OA172S Datasheet
127Kb / 1P
172 x 150 x 51mm (6.7?쓝 5.9??x 2.0??
OA172SAP ORIONFANS-OA172SAP Datasheet
109Kb / 1P
172 x 150 x 51mm (6.7?쓝 5.9??x 2.0??
OA172SAPL ORIONFANS-OA172SAPL Datasheet
100Kb / 1P
172 x 150 x 38mm (6.7?쓝 5.9?쓝 1.5??
OA5920 ORIONFANS-OA5920 Datasheet
114Kb / 1P
172 x 150 x 51mm (6.7?쓝 5.9??x 2.0??
OA162 ORIONFANS-OA162_16 Datasheet
383Kb / 1P
AC Fan - 115V, 230V 172 x 55mm (6.7??x 2.2??
OA162-METAL ORIONFANS-OA162-METAL Datasheet
310Kb / 1P
AC - Harsh Environment 172 x 55mm (6.7??x 2.17??
OA172AP-METAL ORIONFANS-OA172AP-METAL Datasheet
332Kb / 1P
AC - Harsh Environment 172 x 51mm (6.7??x 2.0??
OA172APXC ORIONFANS-OA172APXC Datasheet
765Kb / 1P
172 x 51mm (6.7??x 2.0??
OA172SAP ORIONFANS-OA172SAP_16 Datasheet
128Kb / 1P
AC Fan - 115V, 230V 172 x 150 x 51mm (6.7?쓝 5.9??x 2.0??
OA172S-METAL ORIONFANS-OA172S-METAL Datasheet
336Kb / 1P
AC - Harsh Environment 172 x 150 x 51mm (6.7??x 5.9??x 2??
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com