Electronic Components Datasheet Search
  English  ▼

X  

LH531024 Datasheet(PDF) 2 Page - Sharp Corporation

Part # LH531024
Description  CMOS 1M (64K x 16) MROM
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH531024 Datasheet(HTML) 2 Page - Sharp Corporation

  LH531024 Datasheet HTML 1Page - Sharp Corporation LH531024 Datasheet HTML 2Page - Sharp Corporation LH531024 Datasheet HTML 3Page - Sharp Corporation LH531024 Datasheet HTML 4Page - Sharp Corporation LH531024 Datasheet HTML 5Page - Sharp Corporation LH531024 Datasheet HTML 6Page - Sharp Corporation LH531024 Datasheet HTML 7Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
531024-3
40
MEMORY
MATRIX
(65,536 x 16)
SENSE AMPLIFIER
30
GND
20
OE
CE
CE
BUFFER
2
TIMING
GENERATOR
A5
A4
A3
A14
A13
A12
A11
A10
A9
A8
A6
A7
A15
A2
A1
A0
33
29
26
25
31
27
32
28
24
23
22
21
36
35
34
37
11
VCC
OE
BUFFER
COLUMN SELECTOR
D5
D4
D3
D14
D13
D12
D11
D10
D9
D8
D6 D7
D15
D2
D1
D0
OUTPUT BUFFER
54
3
6
7
8
9
10
12
13
14
15
16
17
18
19
NOTE: Pin numbers apply to the 40-pin DIP or SOP.
Figure 3. LH531024 Block Diagram
PIN DESCRIPTION
SIGNAL
PIN NAME
A0 – A15
Address input
D0 – D15
Data output
CE
Chip Enable input
SIGNAL
PIN NAME
OE
Output enable input
VCC
Power supply (+5 V)
GND
Ground
LH531024
CMOS 1M MROM
2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com