Electronic Components Datasheet Search
  English  ▼

X  

CCM01 Datasheet(PDF) 1 Page - C&K Components

Part # CCM01
Description  CCM01 Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

CCM01 Datasheet(HTML) 1 Page - C&K Components

  CCM01 Datasheet HTML 1Page - C&K Components CCM01 Datasheet HTML 2Page - C&K Components CCM01 Datasheet HTML 3Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
7
Dimensions are shown in mm
Specifications and dimensions subject to change
www.ck-components.com
CCM01 Series
Mechanical
Number of Contacts
8
Mechanical life
See table
Card insertion force
See table
Card extraction force
1 N min / 10 N max
Contact force
0,2N / 0,50 N max
Packaging
Tray 30 parts / Cartons 300 parts
Soldering
Compatible with lead free THT soldering process
Features
• Card detection switch
• Compatible with lead free THT soldering
• Chamfered opening in the card entry slot
improves the card guidance
Typical Applications
• Consumer
• Set-top box
• Pay TV
Contact Electrical Data
Insulation resistance
1,000 M
Ω min
Resistance
100 m
Ω max
Current rating
10 µA min / 1 A max
Dielectric strength
750 Vrms min
Switch Electrical Data
Card detection switch
Normally closed
Contact resistance
100 m
Ω max
Dielectric strength
250 Vrms min
Current rating
1 mA min / 10 mA max
Maximum power
0,2 VA
Environmental Data
Operating temperature
-20°C to +70°C
Damp heat
IEC 512 test number 11c (10 days)
Salt mist
IEC 512 test number 11f (96 hours)
RoHS compliant
Designation
Termination
Contact Plating
Height (mm)
Operating Life
Operating
Temperature
Card Insertion
Force
CCM01-6202MLFT
THT
gold
6,75
10,000 cycles
-20˚C/+70˚C
10N
CCM01-6101LFT
THT
gold
3,9
30,000 cycles
-20˚C/+70˚C
10N
smartCard2011_6.0.qxd:2002 CCM Catalog.qxd
5/16/11
4:05 PM
Page 7


Similar Part No. - CCM01

ManufacturerPart #DatasheetDescription
logo
ITT Industries
CCM01-1NF ITT-CCM01-1NF Datasheet
128Kb / 2P
Snap in boardlocks hold the connector in place prior to soldering.
logo
C&K Components
CCM01-1NF CK-COMPONENTS-CCM01-1NF Datasheet
77Kb / 2P
Available with 8 through hole contacts.
2002
CCM01-2027LFT CK-COMPONENTS-CCM01-2027LFT Datasheet
122Kb / 2P
Operating life up to 100,000 cycles
logo
ITT Industries
CCM01-2064 ITT-CCM01-2064 Datasheet
170Kb / 2P
Available with 8 contacts which are designed to give a consistently reliable normal force over the life of the connector.
logo
C&K Components
CCM01-2064 CK-COMPONENTS-CCM01-2064 Datasheet
110Kb / 2P
Available with 8 contacts
2004
More results

Similar Description - CCM01

ManufacturerPart #DatasheetDescription
logo
ITT Industries
CCM01-6101 ITT-CCM01-6101 Datasheet
213Kb / 3P
CCM01-6101
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
100 Series / SM Series / PC Series
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
SPFR Series and SPFRHV Series
Rev: 071013
logo
C&K Components
CCM01MK5 CK-COMPONENTS-CCM01MK5_V01 Datasheet
908Kb / 3P
CCM01 MK5 Series
2020
CCM01MK4 CK-COMPONENTS-CCM01MK4 Datasheet
192Kb / 2P
CCM01 MK4 Series
16 Nov 18
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com