Electronic Components Datasheet Search
  English  ▼

X  

OAB190 Datasheet(PDF) 1 Page - ORION FANS

Part # OAB190
Description  Motorized Impeller 190 x 70mm (7.5??x 2.8??
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORIONFANS [ORION FANS]
Direct Link  http://www.orionfans.com/index.html
Logo ORIONFANS - ORION FANS

OAB190 Datasheet(HTML) 1 Page - ORION FANS

  OAB190 Datasheet HTML 1Page - ORION FANS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
@T8A 4TRUQOGSX
*.
DaX^] <P]b
?]U^a\PcX^] P]S SPcP Xb bdQYTRc c^
RWP]VT fXcW^dc _aX^a ]^cXUXRPcX^])
@]XVWc ;[TRca^]XRb' ?]R)
,+002 BTcaXR 9aXeT
9P[[Pb' HTgPb 20-/.
-,/(./+(+-10
EPac Cd\QTa
D67,4+(,,(,
D67,4+(--(,
C^\X]P[ J^[cPVT
,-+J68
-.+J68
J^[cPVT FP]VT
,++ j ,-0J68
-++ j -/+J68
C^\X]P[ 8daaT]c
+)0/6
+).+6
A^RZTS 8daaT]c
+)4,6
+)/06
FPcTS E^fTa
10K
2-K
FPcTS G_TTS #FEB$
-2++
-2++
6XaU[^f #8<B$
.2+
.2+
C^XbT ATeT[ #S7$
1.
1.
BPg) GcPcXR EaTbbdaT
,)-l >,D
,)-l >,D
7TPaX]V GhbcT\
GTP[TS 9dP[ 7P[[
GTP[TS 9dP[ 7P[[
D67,4+ GTaXTb
B^c^aXiTS ?\_T[[Ta
,4+ g 2+\\ #2)0l g -)3l$
<aP\T
9WSQO_` 6YaZW[aZ
?\_T[[Ta
IA3.J'D
HVS^Z\]YO_`WQ
8^]]TRcX^]
,d ASOR cW^S_
B^c^a
68& GVORSR E\YS&
`VS^ZOYYe ]^\`SQ`SR(
86E68?HDF
?C8AI9;9
7TPaX]V GhbcT\ 9aOY POYY PSO^W[U
?]bd[PcX^]
FTbXbcP]RT
5+**B \VZ PS`cSS[
YSORcW^S O[R T^OZS
"/**J98#
9XT[TRcaXR
GcaT]VcW
+/**J68 T\^ + ZW[a`S
HT\_TaPcdaT
FP]VT
'.*8 g %0*8
AXUT #A,+$
.*&*** V^_ "A+*& .*8#
R*
6RRTbb^aXTb
9dRc aX]V 9F,4+6


Similar Part No. - OAB190

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OAB190 ORIONFANS-OAB190 Datasheet
5Mb / 8P
AC & EC FANS
OAB190-11-1 ORIONFANS-OAB190-11-1_15 Datasheet
93Kb / 1P
Motorized Impeller
OAB190-22-1 ORIONFANS-OAB190-22-1 Datasheet
93Kb / 1P
Motorized Impeller
More results

Similar Description - OAB190

ManufacturerPart #DatasheetDescription
logo
ebm-papst
R2S133-AB25-22 EBMPAPST-R2S133-AB25-22 Datasheet
339Kb / 1P
MOTORIZED IMPELLER
R2S175-AB60-38 EBMPAPST-R2S175-AB60-38 Datasheet
250Kb / 1P
MOTORIZED IMPELLER
R2E225-BE51-09 EBMPAPST-R2E225-BE51-09 Datasheet
241Kb / 1P
MOTORIZED IMPELLER
R4E225-AC15-18 EBMPAPST-R4E225-AC15-18 Datasheet
298Kb / 1P
MOTORIZED IMPELLER
R4S190-AA16-18 EBMPAPST-R4S190-AA16-18 Datasheet
243Kb / 1P
MOTORIZED IMPELLER
RER160-2806S EBMPAPST-RER160-2806S Datasheet
361Kb / 1P
MOTORIZED IMPELLER
RH35M-6204698 EBMPAPST-RH35M-6204698 Datasheet
306Kb / 1P
MOTORIZED IMPELLER
logo
ORION FANS
OAB220 ORIONFANS-OAB220 Datasheet
82Kb / 1P
Motorized Impeller 220 x 71mm (8.7" x 2.8")
OAB190-11-1 ORIONFANS-OAB190-11-1_15 Datasheet
93Kb / 1P
Motorized Impeller
logo
ebm-papst
R2E133 EBMPAPST-R2E133 Datasheet
339Kb / 1P
Motorized Impeller
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com