Electronic Components Datasheet Search
  English  ▼

X  

SIM-040ST Datasheet(PDF) 1 Page - Rohm

Part # SIM-040ST
Description  Surface Mount High Output Infrared LEDs
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SIM-040ST Datasheet(HTML) 1 Page - Rohm

  SIM-040ST Datasheet HTML 1Page - Rohm SIM-040ST Datasheet HTML 2Page - Rohm SIM-040ST Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SIM-040ST
Applications
Light source for sensors
(proximity sensors,
signal transmission applications)
Features
1) Higt compact, low-profile
2) Higt output, over a narrow angle
3) Exellent temperature property
4) Long life,high reliability
5) Original optical tecnology is
ultra-high-output surface mount
infrared LEDs.
Absolute maximum ratings (Ta
=25°C)
Electrical and optical characteristics (Ta
=25°C)
Electrical and optical characteristics curves
Surface Mount High Output Infrared LEDs
Fig.4 Relative radiant vs.
Ambient temperature
-25
0
25
50
75
100
AMBIENT TEMPERATURE : Ta (
°C)
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
IF
=100mA
Fig.3 Radiant intensity vs.
Forward current
FORWARD CURRENT : IF (
mA)
0
100
150
50
200
100
120
60
40
80
20
0
Fig.1 Forward current fall off
AMBIENT TEMPERATURE : Ta (
°C)
0
20
40
60
80
100
120
-25
0
25
50
75
100
Fig.2 Forward current vs.
Forward voltage
0
0.5
1
1.5
2
2.5
3
1
10
100
1000
−25°C
0
°C
25
°C
60
°C
85
°C
FORWARD VOLTAGE : VF (V)
Fig.5 Spectrum date
OPTICAL WAVELENGTH :
λp (nm)
0.0
0.2
0.4
0.6
0.8
1.0
700
750
800
850
900
950 1000 1050
Forward voltage
Reverse current
Peak light emitting wavelength
Spectral line half width
View angle
Radiant intensity
Parameter
∗ Non-coherent infrared light emiting diode used.
∗ This product is not designed to be protected against electromagnetic wave.
Symbol
IE
VF
IR
θ1/2
Min.
−
−
−
Typ.
20
100
1.7
−
±20
Max.
2.5
15
−
−
−
Unit
mW/sr IF
=100mA
IF
=100mA
VR
=5V
μA
−
870
IF
=100mA
nm
deg.
V
Conditions
λpeak
−
−
35
IF
=100mA
nm
−
Δ
λ
Fig.6 Radiant intensity
−60
−90
0
30
−30
60
90
0.9
1
0.7
0.8
0.5
0.6
0.4
0.2
0.3
0.1
0
ANGLE : deg
IF
=100mA
Forward current
Pulse forward current
Reverse voltage
Power dissipation
Operating temperature
Storage temperature
Parameter
Symbol
Limits
Unit
IF
100
mA
VR
5V
PD
180
mW
Tstg
−40
85
°C
Topr
−25 to+
to
+
85
°C
IFP
1A
*1
*1 Pulse width 0.1msec,duty ratio1%


Similar Part No. - SIM-040ST

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SIM-01(T)-110A ETC2-SIM-01(T)-110A Datasheet
232Kb / 8P
Crimping tools and machines
SIM-01-110A ETC1-SIM-01-110A Datasheet
254Kb / 7P
TERMINAL
logo
Rohm
SIM-012SB ROHM-SIM-012SB Datasheet
78Kb / 4P
High power chip sensor, side view type
SIM-012SB ROHM-SIM-012SB Datasheet
146Kb / 3P
High power Chip IR LED, side view type
SIM-012SB ROHM-SIM-012SB Datasheet
72Kb / 4P
High power chip sensor, side view type
Rev.A
More results

Similar Description - SIM-040ST

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SID1010CXM SANKEN-SID1010CXM Datasheet
41Kb / 2P
Infrared LEDs
logo
Fairchild Semiconductor
QEB421 FAIRCHILD-QEB421 Datasheet
61Kb / 3P
SURFACE MOUNT INFRARED
logo
List of Unclassifed Man...
SML-310VT ETC1-SML-310VT Datasheet
106Kb / 2P
LEDs, Surface Mount
logo
Panasonic Semiconductor
LNJ319G9TRA PANASONIC-LNJ319G9TRA Datasheet
109Kb / 3P
Surface Mount LEDs
logo
Agilent(Hewlett-Packard...
HSMX-S660 HP-HSMX-S660 Datasheet
205Kb / 11P
High Performance Surface Mount Chip LEDs
logo
Chicago Miniature Lamp,...
7020X CML-7020X Datasheet
74Kb / 1P
Surface Mount LEDs
logo
Rohm
SIM-030ST ROHM-SIM-030ST Datasheet
63Kb / 3P
Surface Mount High Output Infrared LEDs
logo
Sanken electric
SEC1G03C SANKEN-SEC1G03C Datasheet
416Kb / 1P
3 횞 1.5 Surface Mount Infrared LEDs (Inner Lens Type)
logo
Rohm
SIM-030ST ROHM-SIM-030ST_10 Datasheet
60Kb / 3P
Surface Mount High Output Infrared LEDs
logo
Visual Communications C...
7020X VCC-7020X Datasheet
651Kb / 1P
Surface Mount LEDs
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com