Electronic Components Datasheet Search
  English  ▼

X  

CCM02 Datasheet(PDF) 1 Page - C&K Components

Part # CCM02
Description  CCM02 Series
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

CCM02 Datasheet(HTML) 1 Page - C&K Components

  CCM02 Datasheet HTML 1Page - C&K Components CCM02 Datasheet HTML 2Page - C&K Components CCM02 Datasheet HTML 3Page - C&K Components CCM02 Datasheet HTML 4Page - C&K Components CCM02 Datasheet HTML 5Page - C&K Components CCM02 Datasheet HTML 6Page - C&K Components CCM02 Datasheet HTML 7Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
12
Dimensions are shown in mm
Specifications and dimensions subject to change
www.ck-components.com
CCM02 Series
Mechanical
Number of Contacts
8
Mechanical life
500,000 cycles min
Card insertion force
10N to 40N
Card extraction force
1N min / 10N max
Contact force
0,2N / 0,50N max
Card detection switch
0,8 N max for actuation (end travel switch
actuation force actuates when card is 0,9mm
from card stop)
1,8 N max for complete depression
Vibration Frequency
10 to 500 Hz. Acceleration 50m/s2
Duration 6 hours - amplitude 0,35mm
Max elect. discontinuity 1µs
Shock
Peak value 500 m/s2 – Duration 11 ms
3 shocks in each direction of each axis
Packaging
Tray 30 parts / Cartons 300 parts
Reel 120 parts
Soldering
Compatible with lead free reflow soldering process
For version with security cover, please contact Customer Service for
soldering recommendations.
Features
• Operating life 500,000 cycles
• Insertion force 40N
• EMV
• PCI & PCI ready
• Card detection sealed switch
Typical Applications
• Transaction
• Identification
• POS
Contact Electrical Data
Insulation resistance
1,000 M
Ω min
Resistance
100 m
Ω max
Current rating
10 µA min / 1 A max
Dielectric strength
750 Vrms min
Switch Electrical Data
Card detection switch
Normally open
Contact resistance
100 m
Ω max
Dielectric strength
250 Vrms min
Current rating
1 mA min / 10 mA max
Maximum power
0.2 VA
Environmental Data
Operating temperature
-40°C to +85°C
Damp heat
IEC 512 test number 11c (10 days)
Salt mist
IEC 512 test number 11f (96 hours)
Card detection switch
Sealed against dust
RoHS compliant
Designation
Termination Contact Type I/O Protect Security Cover
Total Height
(mm)
Dimension
PCB version
CCM02-2503LFT
THT
landing
6,25
38,5 X 55,6
4 clips
CCM02-2504LFT
SMT
landing
6,25
38,5 X 55,6
4 clips
CCM02-F503LFT
THT
friction
6,25
38,5 X 55,6
4 clips
CCM02-F504LFT
SMT
friction
6,25
38,5 X 55,6
4 clips
CCM02-F796LFT
SMT
friction
6,25
38,5 X 55,6
4 metal pegs
CCM02 F794LFT
SMT
friction
Yes
6,25
38,5 X 55,6
4 metal pegs
CCM02-F844LFT
SMT
friction
Yes
Yes
6,6
40,5 X 58
4 metal pegs
PCI Features
smartCard2011_6.0.qxd:2002 CCM Catalog.qxd
5/16/11
4:05 PM
Page 12


Similar Part No. - CCM02

ManufacturerPart #DatasheetDescription
logo
ITT Industries
CCM02-1N0-3 ITT-CCM02-1N0-3 Datasheet
168Kb / 2P
CCM02-1N0-3
logo
C&K Components
CCM02-1N0-3 CK-COMPONENTS-CCM02-1N0-3 Datasheet
117Kb / 2P
Available with 8 through hole contacts.
2004
logo
ITT Industries
CCM02-1N0-32 ITT-CCM02-1N0-32 Datasheet
168Kb / 2P
CCM02-1N0-3
logo
C&K Components
CCM02-1N0-32 CK-COMPONENTS-CCM02-1N0-32 Datasheet
117Kb / 2P
Available with 8 through hole contacts.
2004
logo
ITT Industries
CCM02-1N0-35 ITT-CCM02-1N0-35 Datasheet
168Kb / 2P
CCM02-1N0-3
More results

Similar Description - CCM02

ManufacturerPart #DatasheetDescription
logo
ITT Industries
CCM02-1N0-3 ITT-CCM02-1N0-3 Datasheet
168Kb / 2P
CCM02-1N0-3
CCM02-2503 ITT-CCM02-2503 Datasheet
176Kb / 2P
CCM02-2503
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
100 Series / SM Series / PC Series
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
SPFR Series and SPFRHV Series
Rev: 071013
logo
C&K Components
CCM02MK2 CK-COMPONENTS-CCM02MK2_V01 Datasheet
1Mb / 7P
CCM02 MK2 Series
11 Nov 19
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com