Electronic Components Datasheet Search
  English  ▼

X  

BC846AW Datasheet(PDF) 2 Page - Micro Commercial Components

Part # BC846AW
Description  NPN General Purpose Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BC846AW Datasheet(HTML) 2 Page - Micro Commercial Components

  BC846AW Datasheet HTML 1Page - Micro Commercial Components BC846AW Datasheet HTML 2Page - Micro Commercial Components BC846AW Datasheet HTML 3Page - Micro Commercial Components BC846AW Datasheet HTML 4Page - Micro Commercial Components BC846AW Datasheet HTML 5Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ON CHARACTERISTICS
Symbol
Parameter
Min
Typ
Max
Units
ICBO
Collector-base Cut-off Current
(ICE=0, VCB=30Vdc)
(ICE=0, VCB=30Vdc, Tj=150
)
---
---
---
---
15
5
nA
µA
ICEO
Emitter-base Cut-off Current
(IC=0, VEB=5Vdc)
---
---
100
nA
VCE(sat)
Collector-Emitter Saturation Voltage
(IC=10mAdc, IB=0.5mAdc)
(IC=100mAdc, IB=5mAdc*)
---
---
90
200
250
600
mVdc
mVdc
VBE(sat)
Base-Emitter Saturation Voltage
(IC=10mAdc,IB=0.5mAdc)
(IC=100mAdc, IB=5mAdc*)
---
---
700
900
---
---
mVdc
mVdc
hFE
DC Current Gain (IC=10
µA; VCE=5V)
BC846AW; BC847AW;BC848AW
BC846BW; BC847BW;BC848BW
BC847CW;BC848CW
DC Current Gain (IC=2mA; VCE=5V)
BC846AW; BC847AW;BC848AW
BC846BW; BC847BW;BC848BW
BC847CW;BC848CW
---
---
---
110
200
420
90
150
270
180
290
520
---
---
---
220
450
800
VBE
Base-emitter Voltage
(IC=2mAdc,VCE=5V)
(IC=10mAdc,VCE=5V)
580
---
660
---
700
770
mVdc
mVdc
Cc
Collector Capacitance (VCB=10V; IE=Ie=0; f=1MHz)
---
---
4.5
pF
fT
Transition Frequency (VCE=5V; IC=10mA; f=100MHz)
100
---
---
MHz
F
Noise Figure (VCE=5V; IC=200
µA; f=1KHz; B=200Hz; RS=2K¡)
---
---
10
dB
* Pulse test: tP 300
µs; ¥ 0.02
MCC
Revision: A
2011/01/01
TM
Micro Commercial Components
www.mccsemi.com
2 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com