Electronic Components Datasheet Search
  English  ▼

X  

BC846S Datasheet(PDF) 2 Page - Micro Commercial Components

Part # BC846S
Description  Dual NPN Small Signal Transistor 200mW
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BC846S Datasheet(HTML) 2 Page - Micro Commercial Components

  BC846S Datasheet HTML 1Page - Micro Commercial Components BC846S Datasheet HTML 2Page - Micro Commercial Components BC846S Datasheet HTML 3Page - Micro Commercial Components BC846S Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characteristics @ 25
Unless Otherwise Specified
Symbol
Parameter
Min
Typ
Max
Units
Test Condition
OFF CHARACTERISTICS
VCE(SAT)
Collector-Emitter Saturation Voltage
---
---
---
100
300
mV
IC=10mA, IB=0.5mA
IC=100mA, IB=5.0mA
VBE(ON)
Base-Emitter Voltage
ICBO
Collector-Cutoff Current
---
---
15
nA
VCB=30V, IE=0
fT
Gain Bandwidth Product
---
100
---
MHz
VCE=5.0V, IC=10mA,
f=100MHz
COB
Collector-output Capacitance
---
, BC846BS
hFE
DC Current Gain
110
---
BC846BS
BC846S
200
450
---
---
VCE=5.0V, IC=2mA
---
VCE=5.0V, IC=2mA
700
---
---
mV
1.5
---
pF
VCB=10V, f=1.0MHz
---
BC846S
MCC
TM
Micro Commercial Components
www.mccsemi.com
2 of 4
Revision: A
2011/01/01



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com