Electronic Components Datasheet Search
  English  ▼

X  

SMLP3 Datasheet(PDF) 1 Page - Rohm

Part # SMLP3
Description  The smallest 3 color type LED in the world
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SMLP3 Datasheet(HTML) 1 Page - Rohm

  SMLP3 Datasheet HTML 1Page - Rohm SMLP3 Datasheet HTML 2Page - Rohm SMLP3 Datasheet HTML 3Page - Rohm SMLP3 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data Sheet
0.45
0.25
0.25
0.45
0.4
0.45
0.45
0.4
1.5
G R B
R
B
G
Anode
Cathode
④
②
⑥
①
③
⑤
Anode
0.4
Terminal
Cathode
R
B G
B
R
G
1
0.6
Cathode mark
Anode mark
④
④
③
③
②
②
①
①
③
④
①
②
⑤
⑥
Tolerance : ±0.1
(unit : mm)
(unit : mm)
IF(mA)
RELATIVE INTENSITY(%)
10°
10°
20°
20°
40°
50°
70°
80°
40°
50°
70°
80°
0
50
100
50
100
0°
30°
60°
90°
30°
60°
90°
SCANNING ANGLE(deg)
X - Y
B
G
R
RELATIVE INTENSITY(%)
10°
10°
20°
20°
40°
50°
70°
80°
40°
50°
70°
80°
0
50
100
50
100
0°
30°
60°
90°
30°
60°
90°
SCANNING ANGLE(deg)
X’ - Y’
B
G
R
RELATIVE INTENSITY(%)
10°
10°
20°
20°
40°
50°
70°
80°
40°
50°
70°
80°
0
50
100
50
100
0°
30°
60°
90°
30°
60°
90°
SCANNING ANGLE(deg)
X - Y
B
G
R
G, B
RELATIVE INTENSITY(%)
10°
10°
20°
20°
40°
50°
70°
80°
40°
50°
70°
80°
0
50
100
50
100
0°
30°
60°
90°
30°
60°
90°
SCANNING ANGLE(deg)
X’ - Y’
B
G
R
SMLP34
SMLP36
*1:Duty1/20, 1ms *2:Reference
Part No.
Chip
Structure
Emitting
Color
Absolute Maximum Ratings (Ta=25℃)
Electrical and Optical Characteristics (Ta=25℃)
Power
Dissipation
PD(mW)
Forward
Current
IF(mA)
Peak Forward
Current
IFP(mA)
Reverse
Voltage
VR(V)
Operating
Temperature
Topr(℃)
Storage
Temperature
Tstg(℃)
Forward Voltage VF Reverse Current IR Dominant Wavelength λD Luminous Intensity IV
Typ.(V) IF(mA) Max.
(μA) VR(V)
Min.*
2
(nm)
Typ.
(nm)
Max.*
2
(nm) IF(mA)
Min.
(mcd)
Typ.
(mcd) IF(mA)
■ ■ ■ SMLP34RGB1W
(3 colors, 4 terminals)
InGaN
Blue
-
20
100*
1
5
-30 to +85
-40 to +100
3.0
5
100
5
465
470
475
5
9
18
5
Green
3.1
520
527
535
22
45
AlGaInP
on GaAs
Red
2.1
620
624
629
14
28
■ ■ ■ SMLP36RGB1W
(3 colors, 6 terminals)
InGaN
Blue
-
20
100*
1
5
-30 to +85
-40 to +100
3.0
5
100
5
465
470
475
5
9
18
5
Green
3.1
520
527
535
22
45
AlGaInP
on GaAs
Red
2.1
620
624
629
14
28
SMLP34
SMLP36
Directivity (deg)
RELATIVE INTENSITY (%)
Directivity (deg)
RELATIVE INTENSITY (%)
Directivity (deg)
RELATIVE INTENSITY (%)
Directivity (deg)
RELATIVE INTENSITY (%)
R
G, B
G
R, B
R
G, B
R
G, B
SMLP34
SMLP36
Specifications
Dimensions
Recommended Solder Pattern
Viewing Angle
*PICOLEDTM is ROHM's pending trademark.
PICOLEDTM-RGB
Color
Type
R
G B
SMLP3 Series
Features
・The smallest 3 color type LED in the world* PICOLEDTM-RGB
・4pin, 6pin types available
・Low height contributes to the improvement of color mixture
*Investigated Aug. 2009
4pin type
1010(0404)
1.0×1.0mm(t=0.2mm)
6pin type
1510(0604)
1.5×1.0mm(t=0.2mm)
SMLP34RGB1W
SMLP36RGB1W
1/3
© 2011 ROHM Co., Ltd. All rights reserved.
www.rohm.com
2011.05 - Rev.B


Similar Part No. - SMLP3

ManufacturerPart #DatasheetDescription
logo
Rohm
SMLP3 ROHM-SMLP3 Datasheet
818Kb / 4P
The smallest 3 color type LED in the world PICOLED-RGB
SMLP34 ROHM-SMLP34 Datasheet
1Mb / 9P
The smallest class 3 color type LED in the world PICOLEDTM-RGB
SMLP34RGB ROHM-SMLP34RGB Datasheet
384Kb / 11P
The smallest class 3 color type LED in the world PICOLEDTM-RGB
SMLP34RGB1W ROHM-SMLP34RGB1W Datasheet
105Kb / 2P
Tri-Color Top View 0404 <1.0 1.0 t=0.2mm> High Brightness Type
SMLP34RGB1W ROHM-SMLP34RGB1W Datasheet
818Kb / 4P
The smallest 3 color type LED in the world PICOLED-RGB
More results

Similar Description - SMLP3

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
H.FL-LP-A32 HIROSE-H.FL-LP-A32 Datasheet
277Kb / 6P
THE world smallest low-profile coaxial connectors
logo
Rohm
SMLP3 ROHM-SMLP3 Datasheet
818Kb / 4P
The smallest 3 color type LED in the world PICOLED-RGB
logo
AVX Corporation
TACL106M006XTA AVX-TACL106M006XTA Datasheet
114Kb / 3P
The world?셲 smallest surface mount tantalum capacitor
logo
Murata Manufacturing Co...
IRS-B340ST02 MURATA-IRS-B340ST02 Datasheet
1,001Kb / 20P
Smallest and Thinnest in the World! Developing Surface Mount Smallest and Thinnest in the World! Developing Surface Mount
logo
TEMEX
RFPO45 TEMEX-RFPO45 Datasheet
407Kb / 2P
The RFPO45 is from the world?셲 smallest and first
logo
Omron Electronics LLC
A165E OMRON-A165E Datasheet
1Mb / 12P
Separate Construction with Smallest Class of Depth in the World
logo
Rohm
SMLP34 ROHM-SMLP34 Datasheet
1Mb / 9P
The smallest class 3 color type LED in the world PICOLEDTM-RGB
logo
Arch Electronics Corp.
SW20 ARCH-SW20_16 Datasheet
179Kb / 3P
The Smallest Dimension in the Market
logo
Rohm
SMLP34RGB ROHM-SMLP34RGB Datasheet
384Kb / 11P
The smallest class 3 color type LED in the world PICOLEDTM-RGB
SMLP36RGB ROHM-SMLP36RGB Datasheet
402Kb / 11P
The smallest class 3 color type LED in the world PICOLEDTM-RGB
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com