Electronic Components Datasheet Search
  English  ▼

X  

MMST4401 Datasheet(PDF) 1 Page - Rohm

Part # MMST4401
Description  NPN Medium Power Transistor (Switching)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MMST4401 Datasheet(HTML) 1 Page - Rohm

  MMST4401 Datasheet HTML 1Page - Rohm MMST4401 Datasheet HTML 2Page - Rohm MMST4401 Datasheet HTML 3Page - Rohm MMST4401 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SST4401 / MMST4401
Transistors
Rev.B
1/3
NPN Medium Power Transistor
(Switching)
SST4401 / MMST4401
Features
1) BVCEO
>40V (IC=1mA)
2) Complements the SST4403 / MMST4403.
Package, marking, and packaging specifications
Part No.
Packaging type
Marking
Code
Basic ordering unit (pieces)
SST4401
SST3
R2X
T116
3000
MMST4401
SMT3
R2X
T146
3000
Absolute maximum ratings (Ta=25
°C)
Parameter
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Junction temperature
Storage temperature
Symbol
VCBO
VCEO
VEBO
IC
Tj
Tstg
Limits
60
40
6
0.6
150
−55 to +150
Unit
V
V
V
A
Collector power dissipation
PC
0.2
0.35
W
W
˚C
˚C
∗ Mounted on a 7 5 0.6mm CERAMIC SUBSTRATE
Dimensions (Unit : mm)
SST4401
MMST4401
ROHM : SST3
(1) Emitter
(2) Base
(3) Collector
ROHM : SMT3
EIAJ : SC-59
(1) Emitter
(2) Base
(3) Collector
Electrical characteristics (Ta=25
°C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cutoff current
Emitter cutoff current
BVCBO
BVCEO
BVEBO
ICBO
IEBO
60
40
6
−
−
−
−
−
−
−
−
−
−
0.1
0.1
V
V
V
µA
µA
IC=100
µA
IC
=1mA
IE
=100
µA
VCB
=35V
VEB
=5V
−−
1.2
Base-emitter saturation voltage
VBE(sat)
−−
0.95
V
−−
0.75
IC/IB
=500mA/50mA
Collector-emitter saturation voltage
VCE(sat)
−−
0.4
V
IC/IB
=150mA/15mA
IC/IB
=500mA/50mA
IC/IB=150mA/15mA
40
−−
100
−
300
DC current transfer ratio
hFE
80
−−
−
40
−−
20
−−
VCE
=1V, IC=0.1mA
VCE
=1V, IC=1mA
VCE
=1V, IC=10mA
VCE
=1V, IC=150mA
VCE
=2V, IC=500mA
Transition frequency
Collector output capacitance
fT
Cob
250
−
−
−
−
6.5
MHz
pF
VCE
=10V, IE=
−20mA, f=100MHz
VCB
=10V, f=100kHz
Emitter input capacitance
Cib
−−
30
pF
VEB
=0.5V, f=100kHz
Delay time
td
−−
15
ns
VCC
=30V, VEB(OFF)=2V, IC=150mA, IB1=15mA
VCC
=30V, VEB(OFF)=2V, IC=150mA, IB1=15mA
Rise time
tr
−−
20
ns
Storage time
tstg
−−
225
ns
VCC
=30V, IC=150mA, IB1=-IB2=15mA
VCC
=30V, IC=150mA, IB1=-IB2=15mA
Fall time
tf
−−
30
ns


Similar Part No. - MMST4401

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
MMST4401 TRSYS-MMST4401 Datasheet
194Kb / 2P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Rohm
MMST4401 ROHM-MMST4401 Datasheet
80Kb / 3P
NPN Medium Power Transistor
logo
Diodes Incorporated
MMST4401 DIODES-MMST4401 Datasheet
58Kb / 3P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30084 Rev. 3P-1
logo
Rohm
MMST4401 ROHM-MMST4401 Datasheet
88Kb / 4P
NPN Medium Power Transistor (Switching)
logo
Diodes Incorporated
MMST4401 DIODES-MMST4401 Datasheet
449Kb / 4P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30084 Rev. 8 - 2
More results

Similar Description - MMST4401

ManufacturerPart #DatasheetDescription
logo
Rohm
UMT2222A ROHM-UMT2222A Datasheet
79Kb / 3P
NPN Medium Power Transistor (Switching)
logo
Seme LAB
2N2222A SEME-LAB-2N2222A Datasheet
14Kb / 2P
HIGH SPEED MEDIUM POWER, NPN SWITCHING TRANSISTOR
logo
Microsemi Corporation
JAN2N697 MICROSEMI-JAN2N697 Datasheet
63Kb / 3P
NPN MEDIUM POWER SILICON SWITCHING TRANSISTOR
logo
STMicroelectronics
STL71 STMICROELECTRONICS-STL71 Datasheet
141Kb / 6P
MEDIUM VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
12-Jul-2005
BULT116D STMICROELECTRONICS-BULT116D Datasheet
209Kb / 6P
MEDIUM VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Feb-2003
logo
Rohm
SST4401 ROHM-SST4401 Datasheet
88Kb / 4P
NPN Medium Power Transistor (Switching)
logo
STMicroelectronics
BULD116D STMICROELECTRONICS-BULD116D Datasheet
213Kb / 6P
MEDIUM VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Sep-2003
BUL3N7 STMICROELECTRONICS-BUL3N7 Datasheet
199Kb / 10P
MEDIUM VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
09-Dec-2005
logo
Rohm
UMT2222A ROHM-UMT2222A_07 Datasheet
114Kb / 4P
NPN Medium Power Transistor (Switching)
UMT2222AT106 ROHM-UMT2222AT106 Datasheet
92Kb / 4P
NPN Medium Power Transistor (Switching)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com