Electronic Components Datasheet Search
  English  ▼

X  

LH543611 Datasheet(PDF) 17 Page - Sharp Corporation

Part # LH543611
Description  512 x 36 x 2 / 1024 x 36 x 2 Synchronous Bidirectional FIFO
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH543611 Datasheet(HTML) 17 Page - Sharp Corporation

Back Button LH543611 Datasheet HTML 13Page - Sharp Corporation LH543611 Datasheet HTML 14Page - Sharp Corporation LH543611 Datasheet HTML 15Page - Sharp Corporation LH543611 Datasheet HTML 16Page - Sharp Corporation LH543611 Datasheet HTML 17Page - Sharp Corporation LH543611 Datasheet HTML 18Page - Sharp Corporation LH543611 Datasheet HTML 19Page - Sharp Corporation LH543611 Datasheet HTML 20Page - Sharp Corporation LH543611 Datasheet HTML 21Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 57 page
background image
18-Bit Data Stream
36-Bit Data Stream
18
18
18
18
Bits
18-35
(2nd
Halfword)
Bits 0-17
(1st Halfword)
1st Halfword, then 2nd Halfword
D35A
D18A
D17A
D0A
D35B
D18B
D17B
D0B
PORT
A
PORT
B
543611-17
Figure 9a.
18-to-36 Defunneling Through FIFO #2
9-Bit Data Stream
36-Bit Data Stream
9
9
9
9
Bits 27-35
(4th Byte)
D35A
D27A
D26A
D18A
D35B
D27B
D26B
D18B
PORT
A
PORT
B
9
9
9
9
D17A
D9A
D8A
D0A
D17B
D9B
D8B
D0B
Bits 18-26
(3rd Byte)
Bits 9-17
(2nd Byte)
Bits 0-8
(1st Byte)
1st Byte, then 2nd Byte, then 3rd Byte, then 4th Byte
543611-18
Figure 9b.
9-to-36 Defunneling Through FIFO #2
PORT B WORD-WIDTH SELECTION
NOTES:
1.
The heavy black borders on register segments indicate the only
data paths used. The other byte segments of Port B do not par-
ticipate in the data path during defunneling.
2.
The defunneling process does not change the ordering of bits
within a byte. Halfwords (Figure 9a) or bytes (Figure 9b) are
transferred in parallel form from Port B to Port A.
3.
The word-width setting may be changed during system operation;
however, two clock intervals should be allowed for these signals
to settle, before again attempting to send data. Also, incomplete
data words may occur, when the word width is changed from
shorter to longer at an inappropriate point in the data block pass-
ing through the FIFO.
512 x 36 x 2/1024 x 36 x 2 BiFIFOs
LH543611/21
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com