Electronic Components Datasheet Search
  English  ▼

X  

S2S3 Datasheet(PDF) 2 Page - Sharp Corporation

Part # S2S3
Description  Mini-Flat Type Phototriac Coupler
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

S2S3 Datasheet(HTML) 2 Page - Sharp Corporation

  S2S3 Datasheet HTML 1Page - Sharp Corporation S2S3 Datasheet HTML 2Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
(Ta=25˚C)
Electro-optical Characteristics
0
10
- 30
0
50
100
20
30
40
50
60
- 30
0
0
50
100
10
20
30
40
50
60
MIN.
TYP.
MAX.
Input
Forward voltage
VF
IF = 20mA
-
1.2
1.4
V
Reverse current
IR
VR =3V
-
-
10
µ A
Output
Repetitive peak OFF-state current
IDRM
--
1
µ A
ON-state voltage
VT
IT = 0.05A
-
-
2.5
V
Holding current
IH
VD = 6V
0.1
-
3.5
mA
Critical rate of rise of OFF-state voltage
2
VDRM = 1/
• Rated
100
-
V/
µ s
Zero-cross voltage
S2S4
VOX
IF = 15mA, Resistance load
-
-35
V
Transfer
characteristics
IFT
VD = 6V, RL = 100
Ω
-
-
10
mA
Insulation resistance
RISO
DC500V, 40 to 60% RH
5x 1010
11
1 x 10
-
Ω
Turn-on time
S2S3
ton
VD = 6V, RL = 100
Ω ,
IF = 20mA
-
-
100
µ s
S2S4
--
50
S2S3/S2S4
Minimum trigger current
VDRM = Rated
Fig. 1 Forward Current vs. Ambient
Temperature
Fig. 2 RMS ON-state Current vs. Ambient
Temperature
Ambient temperature Ta (˚C)
Ambient temperature Ta (˚C)
1 000
Symbol
Unit
Parameter
Conditions
dv/dt
s



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com