Electronic Components Datasheet Search
  English  ▼

X  

S2S4 Datasheet(PDF) 1 Page - Sharp Corporation

Part # S2S4
Description  Mini-Flat Type Phototriac Coupler
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

S2S4 Datasheet(HTML) 1 Page - Sharp Corporation

  S2S4 Datasheet HTML 1Page - Sharp Corporation S2S4 Datasheet HTML 2Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Outline Dimensions
(Unit : mm)
Features
Application
Model Line-ups
C0.4
1
*
6˚
0.4± 0.1
3.6± 0.3
5.3± 0.3
7.0
+ 0.2
- 0.7
0.5
+ 0.4
- 0.2
Zero-cross
circuit
Model No.
Anode
mark
(Input side)
(Ta=25˚C)
(A)
0
θ
2 • IT
θ2
IT
θ1
360˚
90˚
180˚
θ1, θ2<= 90˚
Absolute Maximum Ratings
3
4
43
2
2
Internal connection diagram
S2S3/S2S4
S2S3/S2S4
Mini-Flat Type
Phototriac Coupler
1 Anode
4 Anode/
Cathode
Zero-cross circuit
not built in
S2S3
Zero-cross circuit
built in
S2S4
1. For SSR
* The zero-cross circuit for S2S4
For 100/200V line
3 Anode/
Cathode
2 Cathode
Soldering area
Rating
Forward current
IF
50
mA
Reverse voltage
VR
6
V
RMS ON-state current
*1
IT
0.05
Arms
*2 Peak one cycle surge current
Isurge
0.6 (50Hz sine wave)
A
Repetitive peak OFF-state voltage
VDRM
600
V
Isolation voltage
*3
Viso
3 750
Vrms
Operating temperature
Topr
- 30 to+100
˚C
Storage temperature
Tstg
- 40 to+125
˚C
*4
Tsol
260
˚C
Input
Output
Symbol
Unit
Parameter
2.54± 0.25
1. Popular type
2. Small package type
3. Conforming to UL double protective insulation (Viso : 3 750Vrms)
4. Infrared reflow soldering type (230˚C, within 30 seconds)
Soldering temperature
*1 The definition of conduction angle
θ of RMS ON-state current IT should be as shown in the right drawing. For decrease curve, refer to Fig. 2.
*2 50Hz sine curve
*3 40 to 60% RH, AC for 1 minute
*4 For 10 seconds
5. Recognized by UL (No.64380)
1
s
s
s
s
s
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device.”
“ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,


Similar Part No. - S2S4

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
S2S4 SHARP-S2S4 Datasheet
261Kb / 15P
Zero cross type Mini-Flat Package Phototriac Coupler for triggering
S2S4000F SHARP-S2S4000F Datasheet
261Kb / 15P
Zero cross type Mini-Flat Package Phototriac Coupler for triggering
S2S4A SHARP-S2S4A Datasheet
261Kb / 15P
Zero cross type Mini-Flat Package Phototriac Coupler for triggering
S2S4A00F SHARP-S2S4A00F Datasheet
261Kb / 15P
Zero cross type Mini-Flat Package Phototriac Coupler for triggering
S2S4AY SHARP-S2S4AY Datasheet
261Kb / 15P
Zero cross type Mini-Flat Package Phototriac Coupler for triggering
More results

Similar Description - S2S4

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
S11MD5V SHARP-S11MD5V Datasheet
44Kb / 3P
Mini-flat Type Phototriac Coupler
S11MS3 SHARP-S11MS3 Datasheet
54Kb / 4P
High Density Surface Mount Type Mini-flat Package Phototriac Coupler
logo
AUK corp
SPC717M AUK-SPC717M Datasheet
53Kb / 3P
Mini Flat Photo Coupler
SPC814M AUK-SPC814M Datasheet
53Kb / 3P
Mini Flat Photo Coupler
SPC815M AUK-SPC815M Datasheet
54Kb / 3P
Mini Flat Photo Coupler
logo
Sharp Corporation
S2S3 SHARP-S2S3_04 Datasheet
277Kb / 16P
Non-zero cross type Mini-Flat Package Phototriac Coupler for triggering
S2S4 SHARP-S2S4 Datasheet
261Kb / 15P
Zero cross type Mini-Flat Package Phototriac Coupler for triggering
S2S5 SHARP-S2S5 Datasheet
237Kb / 14P
Cost effective Non-zero cross type Mini-Flat Package Phototriac Coupler for triggering
PC3SG11YIZ SHARP-PC3SG11YIZ Datasheet
221Kb / 13P
Non-zero cross type Mini-Flat Package Phototriac Coupler for triggering
PC3SG11YIZ0F SHARP-PC3SG11YIZ0F Datasheet
221Kb / 13P
Non-zero cross type Mini-Flat Package Phototriac Coupler for triggering
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com