Electronic Components Datasheet Search
  English  ▼

X  

TC_P Datasheet(PDF) 6 Page - Rohm

Part # TC_P
Description  Chip tantalum capacitors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

TC_P Datasheet(HTML) 6 Page - Rohm

  TC_P Datasheet HTML 1Page - Rohm TC_P Datasheet HTML 2Page - Rohm TC_P Datasheet HTML 3Page - Rohm TC_P Datasheet HTML 4Page - Rohm TC_P Datasheet HTML 5Page - Rohm TC_P Datasheet HTML 6Page - Rohm TC_P Datasheet HTML 7Page - Rohm TC_P Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6/7
www.rohm.com
○
c
2010 ROHM Co., Ltd. All rights reserved.
2010.02 - Rev.E
Data Sheet
TC Series P Case
Standard products list, TC series A case
10
0.5
15
0.6
22
1.5
0.9
0.5
0.5
2.2
4
4.7
0.5
0.5
0.5
6.8
0.5
TC P 0G 225 M8R
TC P 0G 475 M8R
TC P 0G 685 M8R
TC P 0G 106 M8R
TC P 0G 156 M8R
TC P 0G 226 M8R
TC P 0J 155 M8R
TC P 0J 225 M8R
2.2
TC P 0G 335 M8R
3.3
TC P 0J 335 M8R
3.3
TC P 0J 475 M8R
TC P 0J 685 M8R
2.5
5
4
2.5
5
4
2.5
5
4
2.5
5
4
2.5
5
4
2.5
5
4
2.5
5
6.3
4
8
6.3
4
8
6.3
4
8
6.3
4
8
6.3
4
8
6.3
4
8
6.3
4
8
10
6.3
13
4.7
6.8
0.5
10
TC P 0J 106 M8R
TC P 0J 156 M8R
15
TC P 1A 105 M8R
1.0
0.5
0.6
15
10
20
20
10
20
20
10
30
30
15
30
30
15
15
20
30
30
20
30
30
20
30
30
20
30
30
30
30
15
30
20
30
30
0.5
20
30
30
20
30
30
20
30
30
30
15
11.8
9.3
8.3
7.7
33
1.4
TC P 0G 336 M8R
4
2.5
5
25
38
38
5.0
17.5
17.5
14.4
17.5
17.5
14.4
7.7
17.5
10
6.3
13
TC P 1A 155 M8R
1.5
0.5
20
30
30
16.1
10
6.3
13
TC P 1A 225 M8R
2.2
0.5
20
30
30
14.4
10
6.3
13
TC P 1A 335 M8R
3.3
0.5
20
30
30
11.8
10
6.3
13
TC P 1A 475 M8R
4.7
0.5
20
30
30
9.3
10
6.3
13
TC P 1A 685 M8R
6.8
0.7
20
30
30
9.3
10
6.3
13
TC P 1A 106 M8R
10
1.0
20
30
30
7.7
16
10
20
TC P 1C 105 M8R
1.0
0.5
10
15
15
16.1
16
10
20
TC P 1C 155 M8R
1.5
0.5
20
30
30
14.4
16
10
20
TC P 1C 225 M8R
2.2
0.5
20
30
30
11.8
16
10
20
TC P 1C 335 M8R
3.3
0.6
20
30
30
9.3
20
13
26
TC P 1D 105 M8R
1.0
0.5
10
15
15
16.1
25
16
32
TC P 1E 105 M8R
1.0
0.6
20
30
30
9.3
11.8
9.3
8.3
0.5
0.9
6.3
4
8
TC P 0J 226 M8R
22
25
38
38
5.0
1.4
Part No.
Rated
voltage
85
°C
(V)
Category
voltage
125
°C
(V)
Surge
voltage
85
°C
(V)
Cap.
120Hz
(
μF)
Tolerance
(%)
Leakage
current
25
°C
1WV.60s
(
μA)
Df
120Hz
(%)
−55
°C
125
°C
25
°C
85
°C
Impedance
100kHz
(
Ω)
±20
±20
±20
±20
±20
±20
±20
±20
±20
±20
±20
±20
±20
±20
±20
±20
±20
±20
±20
±20
±20
±20
±20
±20
±20
±20
±20
±20
±20
∗
∗=Under development



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com