Electronic Components Datasheet Search
  English  ▼

X  

TCT_AL Datasheet(PDF) 2 Page - Rohm

Part # TCT_AL
Description  Chip tantalum capacitors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

TCT_AL Datasheet(HTML) 2 Page - Rohm

  TCT_AL Datasheet HTML 1Page - Rohm TCT_AL Datasheet HTML 2Page - Rohm TCT_AL Datasheet HTML 3Page - Rohm TCT_AL Datasheet HTML 4Page - Rohm TCT_AL Datasheet HTML 5Page - Rohm TCT_AL Datasheet HTML 6Page - Rohm TCT_AL Datasheet HTML 7Page - Rohm TCT_AL Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TCT Series AL Case
Data Sheet
2/7
www.rohm.com
○
c
2009 ROHM Co., Ltd. All rights reserved.
2009.11 - Rev.H
Rated table
Rated voltage (V)
Remark) Case size codes (AL) in the above show products line-up.
∗ Under development
(
µF)
4
0G
2.5
0E
6.3
0J
10
1A
16
1C
20
1D
35
1V
25
1E
AL
AL
AL
AL
AL
AL
AL
4.7 (475)
1.5 (155)
1.0 (105)
2.2 (225)
6.8 (685)
10 (106)
15 (156)
22 (226)
33 (336)
47 (476)
68 (686)
100 (107)
220 (227)
150 (157)
3.3 (335)
AL
AL
AL
AL
330 (337)
AL
AL
AL
∗
AL
∗
AL
∗
AL
AL
AL
AL
AL
AL
Marking
A s
A s
The indications listed below should be given on the surface of a capacitor.
(1) Polarity
: The polarity should be shown by
bar. (on the anode side)
(2) Rated DC voltage : Due to the small size of AL case, a voltage code is used as shown below.
(3) Visual typical example
(1) voltage code
(2) capacitance code
Voltage
Code
Rated DC
Voltage (V)
Capacitance
Code
Nominal
Capacitance (
µF)
[AL case]
note 1)
note 2) voltage code and capacitance code are variable with parts number
−
(1)
A
−
(2)
s
g
j
A
C
D
V
4
e
2.5
6.3
10
16
20
35
S
W
a
e
j
n
4.7
N
3.3
J
2.2
A
1.0
6.8
10
15
22
33
s47
w68
100
a
150
e
330
n
E25
220
j
manufacture code



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com