Electronic Components Datasheet Search
  English  ▼

X  

UCR03EVPJSJS Datasheet(PDF) 4 Page - Rohm

Part # UCR03EVPJSJS
Description  Fixed Thick Film Low Ohmic Chip Resistors For Current Detection
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

UCR03EVPJSJS Datasheet(HTML) 4 Page - Rohm

  UCR03EVPJSJS Datasheet HTML 1Page - Rohm UCR03EVPJSJS Datasheet HTML 2Page - Rohm UCR03EVPJSJS Datasheet HTML 3Page - Rohm UCR03EVPJSJS Datasheet HTML 4Page - Rohm UCR03EVPJSJS Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4/4
www.rohm.com
○
c
2010 ROHM Co., Ltd. All rights reserved.
2010.07 - Rev.A
Data Sheet
UCR03
Part No. Explanation
UC
0
R
3
E W P
J
S
0.020 to 0.091
Ω
0.1
Ω to
S
L
Part No.
Nominal resistance
Resistance tolerance
Special part number
±1%
±5%
F
J
Resistance code, 3 or 4 digits.
FL, FS, JS
JL
:
:
4 digits
3 digits
Resistance
tolerance
Resistance
code
Packaging Specifications Code
EWP
5,000
Paper tape (4mm Pitch)
φ180mm (7in.)
UCR03
Reel (
φ180mm) : Compatible with JEITA standard "EIAJ ET-7200B"
: Standard product
Part No.
Resistance tolerance
Code
Packaging specifications
Reel
Basic ordering unit(pcs)
J(
±5%)
F(
±1%)
Remarks
5,000
Paper tape (4mm Pitch)
φ180mm (7in.)
EVP
0.020 to 0.047
Ω
0.051 to 0.091
Ω
Packaging
C
AB
D
AB
C
D
φ13±0.2
Label
Reel
Taping
EIAJ ET-7200B compliant
φ180
0
−1.5
φ60
+1
0
9
+1.0
0
φ1.5
+0.1
0
1.1±0.1
1.9±0.1
(Unit: mm)
(Unit: mm)
WF
E
A0
B0
D0
P0
P1
P2
T2
8.0±0.3
3.5±0.05
1.75±0.1
4.0±0.1
4.0±0.05
2.0±0.05
Max. 1.1
φD0
P0
P2
A0
B0
P1
Top tape
(Bottom tape)
Components
Base paper
Cavlty
T2
F
E
W



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com